Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC3025LSD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMC3025LSD
Description  30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3025LSD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMC3025LSD Datasheet HTML 1Page - Diodes Incorporated DMC3025LSD Datasheet HTML 2Page - Diodes Incorporated DMC3025LSD Datasheet HTML 3Page - Diodes Incorporated DMC3025LSD Datasheet HTML 4Page - Diodes Incorporated DMC3025LSD Datasheet HTML 5Page - Diodes Incorporated DMC3025LSD Datasheet HTML 6Page - Diodes Incorporated DMC3025LSD Datasheet HTML 7Page - Diodes Incorporated DMC3025LSD Datasheet HTML 8Page - Diodes Incorporated DMC3025LSD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DMC3025LSD
Document number: DS35717 Rev. 7 - 2
1 of 10
www.diodes.com
February 2015
© Diodes Incorporated
DMC3025LSD
30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
Product Summary
Device
V(BR)DSS
RDS(ON) max
Package
ID MAX
TA = +25°C
N-Channel
30V
20m
@ VGS = 10V
SO-8
8.5A
32m
@ VGS = 4.5V
7.0A
P-Channel
-30V
45m
@ VGS = -10V
-5.5A
85m
@ VGS = -4.5V
-4.1A
Description
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high-efficiency power management applications.
Applications
DC Motor Control
DC-AC Inverters
Features
Low On-Resistance
Low Input Capacitance
Fast Switching Speed
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SO-8
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections Indicator: See Diagram
Terminals: Finish  Matte Tin Annealed Over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.008 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMC3025LSD-13
SO-8
2,500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html
Marking Information
Pin Configuration
S2
D1
D2
G1
D2
D1
G2
S1
Top View
SO-8
Equivalent Circuit
Top View
Logo
Part no.
Year: “11” = 2011
1
4
8
5
C3025LD
YY WW
Xth week: 01 ~ 53
Q2 N-CHANNEL MOSFET
Q1 P-CHANNEL MOSFET
D2
S2
G2
D1
S1
G1


Similar Part No. - DMC3025LSD

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
DMC3025LSD TECHPUBLIC-DMC3025LSD Datasheet
3Mb / 10P
N&P-Channel Complementary MOSFET
logo
Diodes Incorporated
DMC3025LSDQ DIODES-DMC3025LSDQ Datasheet
524Kb / 11P
30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
Rev 1
DMC3025LSDQ-13 DIODES-DMC3025LSDQ-13 Datasheet
524Kb / 11P
30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
Rev 1
DMC3025LSD DIODES-DMC3025LSD_15 Datasheet
350Kb / 10P
30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
Rev 7
More results

Similar Description - DMC3025LSD

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMC3A17DN8 ZETEX-ZXMC3A17DN8 Datasheet
276Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
ZXMC3A16DN8 ZETEX-ZXMC3A16DN8_05 Datasheet
311Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC3A17DN8 DIODES-ZXMC3A17DN8 Datasheet
286Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
OCTOBER 2005
ZXMC3A18DN8 DIODES-ZXMC3A18DN8 Datasheet
692Kb / 12P
Complementary 30V enhancement mode MOSFET
SEPTEMBER 2007
ZXMC3AM832 DIODES-ZXMC3AM832 Datasheet
270Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
JULY 2004
DMC3025LSD DIODES-DMC3025LSD_15 Datasheet
350Kb / 10P
30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
Rev 7
ZXMC3A18DN8 DIODES-ZXMC3A18DN8_15 Datasheet
692Kb / 12P
Complementary 30V enhancement mode MOSFET
SEPTEMBER 2007
logo
Pan Jit International I...
PJL9602 PANJIT-PJL9602 Datasheet
566Kb / 9P
30V Complementary Enhancement Mode MOSFET
Feb 16,2017-REV.00P
PJQ4602 PANJIT-PJQ4602 Datasheet
855Kb / 9P
30V Complementary Enhancement Mode MOSFET
July 18,2019-REV.00
PJQ4606 PANJIT-PJQ4606 Datasheet
1Mb / 9P
30V Complementary Enhancement Mode MOSFET
October 31,2017-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com