Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC3028LSDX Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMC3028LSDX
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3028LSDX Datasheet(HTML) 5 Page - Diodes Incorporated

  DMC3028LSDX Datasheet HTML 1Page - Diodes Incorporated DMC3028LSDX Datasheet HTML 2Page - Diodes Incorporated DMC3028LSDX Datasheet HTML 3Page - Diodes Incorporated DMC3028LSDX Datasheet HTML 4Page - Diodes Incorporated DMC3028LSDX Datasheet HTML 5Page - Diodes Incorporated DMC3028LSDX Datasheet HTML 6Page - Diodes Incorporated DMC3028LSDX Datasheet HTML 7Page - Diodes Incorporated DMC3028LSDX Datasheet HTML 8Page - Diodes Incorporated DMC3028LSDX Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DMC3028LSDX
Document number: DS36210 Rev. 4 - 2
5 of 9
www.diodes.com
November 2015
© Diodes Incorporated
DMC3028LSDX
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
Figure 7 Gate Threshold Variation vs. Ambient Temperature
I = 250µA
D
I = 1mA
D
0
5
10
15
20
25
30
0
0.2
0.4
0.6
0.8
1
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 8 Diode Forward Voltage vs. Current
T = 25°C
A
0.1
1
10
100
1000
10000
0
10
20
30
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 9 Typical Drain-Source Leakage Current vs. Voltage
T = 125°C
A
T = 150°C
A
T = 85°C
A
T = 25°C
A
10000
0
2
4
6
8
10
12
14
16
18
20
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
f = 1MHz
1000
100
10
Ciss
Coss
C
rss
Q , TOTAL GATE CHARGE (nC)
Figure 11 Gate-Source Voltage vs. Total Gate Charge
g
0
2
4
6
8
10
0
2
4
6
8
10
12
14
V
=15
I = 10A
DS
D
0.01
0.1
1
10
100
0.1
1
10
100
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 12 SOA, Safe Operation Area
RDS(on)
Limited
T
= 150°C
J (m ax )
T = 25°C
C
V
= 10V
GS
Single Pulse
DUT on 1 * MRP Board
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com