Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC3028LSDX Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMC3028LSDX
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3028LSDX Datasheet(HTML) 2 Page - Diodes Incorporated

  DMC3028LSDX Datasheet HTML 1Page - Diodes Incorporated DMC3028LSDX Datasheet HTML 2Page - Diodes Incorporated DMC3028LSDX Datasheet HTML 3Page - Diodes Incorporated DMC3028LSDX Datasheet HTML 4Page - Diodes Incorporated DMC3028LSDX Datasheet HTML 5Page - Diodes Incorporated DMC3028LSDX Datasheet HTML 6Page - Diodes Incorporated DMC3028LSDX Datasheet HTML 7Page - Diodes Incorporated DMC3028LSDX Datasheet HTML 8Page - Diodes Incorporated DMC3028LSDX Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DMC3028LSDX
Document number: DS36210 Rev. 4 - 2
2 of 9
www.diodes.com
November 2015
© Diodes Incorporated
DMC3028LSDX
Maximum Ratings
– Q1 and Q2 (@T
A = +25°C, unless otherwise specified.)
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
1.2
W
TA = +70°C
0.75
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RθJA
108
°C/W
t<10s
65
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.5
W
TA = +70°C
0.95
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RθJA
85
°C/W
t<10s
50
Thermal Resistance, Junction to Case (Note 6)
RθJC
14.5
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics
– Q1 (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
30
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS


1
µA
VDS = 24V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
1
3
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS (ON)
19
27
m
VGS = 10V, ID = 6A
22
35
VGS = 4.5V, ID = 5A
Diode Forward Voltage
VSD
0.7
1.2
V
VGS = 0V, IS = 1.3A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
641
pF
VDS = 15V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
66
Reverse Transfer Capacitance
Crss
51
Gate Resistance
RG

2.2

VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg
6
nC
VDS = 15V, ID = 10A
Total Gate Charge (VGS = 10V)
Qg

13.2

Gate-Source Charge
Qgs
1.7
Gate-Drain Charge
Qgd
2.2
Turn-On Delay Time
tD(on)
3.3
nS
VGS = 10V, VDD = 15V, RG = 6,
ID = 1A
Turn-On Rise Time
tr
4.4
Turn-Off Delay Time
tD(off)
22.3
Turn-Off Fall Time
tf

5.3

Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.
Characteristic
Symbol
Q1
Q2
Units
Drain-Source Voltage
VDSS
30
-30
V
Gate-Source Voltage
VGSS
±20
±20
V
Continuous Drain Current (Note 5) VGS =10V
Steady
State
TA = +25°C
TA = +70°C
ID
5.5
4.1
-5.8
-4.3
A
t<10s
TA = +25°C
TA = +70°C
ID
7.2
5.7
-7.6
-6.1
A
Maximum Body Diode Forward Current (Note 5)
IS
2.2
-2.2
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
40
-30
A
Avalanche Current (Note 7) L = 0.1mH
IAS
14.5
-22
A
Avalanche Energy (Note 7) L = 0.1mH
EAS
10.5
25
mJ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com