Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF411 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LF411
Description  Low Offset, Low Drift JFET Input Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF411 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LF411 Datasheet HTML 1Page - National Semiconductor (TI) LF411 Datasheet HTML 2Page - National Semiconductor (TI) LF411 Datasheet HTML 3Page - National Semiconductor (TI) LF411 Datasheet HTML 4Page - National Semiconductor (TI) LF411 Datasheet HTML 5Page - National Semiconductor (TI) LF411 Datasheet HTML 6Page - National Semiconductor (TI) LF411 Datasheet HTML 7Page - National Semiconductor (TI) LF411 Datasheet HTML 8Page - National Semiconductor (TI) LF411 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AC Electrical Characteristic (Note 6) (Continued)
Note 4: For operating at elevated temperature, these devices must be derated based on a thermal resistance of
θjA.
Note 5: These devices are available in both the commercial temperature range 0˚C
≤TA≤70˚C and the military temperature range −55˚C≤TA≤125˚C. The temperature
range is designated by the position just before the package type in the device number. A “C” indicates the commercial temperature range and an “M” indicates the
military temperature range. The military temperature range is available in “H” package only.
Note 6: Unless otherwise specified, the specifications apply over the full temperature range and for VS=±20V for the LF411A and for VS=±15V for the LF411. VOS,
IB, and IOS are measured at VCM=0.
Note 7: The LF411A is 100% tested to this specification. The LF411 is sample tested to insure at least 90% of the units meet this specification.
Note 8: The input bias currents are junction leakage currents which approximately double for every 10˚C increase in the junction temperature, Tj. Due to limited pro-
duction test time, the input bias currents measured are correlated to junction temperature. In normal operation the junction temperature rises above the ambient tem-
perature as a result of internal power dissipation, PD.Tj=TA+θjA PD where θjA is the thermal resistance from junction to ambient. Use of a heat sink is recommended
if input bias current is to be kept to a minimum.
Note 9: Supply voltage rejection ratio is measured for both supply magnitudes increasing or decreasing simultaneously in accordance with common practice, from
±15V to ±5V for the LF411 and from ±20V to ±5V for the LF411A.
Note 10: RETS 411X for LF411MH and LF411MJ military specifications.
Note 11: Max. Power Dissipation is defined by the package characteristics. Operating the part near the Max. Power Dissipation may cause the part to operate out-
side guaranteed limits.
Typical Performance Characteristics
Input Bias Current
DS005655-11
Input Bias Current
DS005655-12
Supply Current
DS005655-13
Positive Common-Mode
Input Voltage Limit
DS005655-14
Negative Common-Mode
Input Voltage Limit
DS005655-15
Positive Current Limit
DS005655-16
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com