Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF411 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LF411
Description  Low Offset, Low Drift JFET Input Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF411 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LF411 Datasheet HTML 1Page - National Semiconductor (TI) LF411 Datasheet HTML 2Page - National Semiconductor (TI) LF411 Datasheet HTML 3Page - National Semiconductor (TI) LF411 Datasheet HTML 4Page - National Semiconductor (TI) LF411 Datasheet HTML 5Page - National Semiconductor (TI) LF411 Datasheet HTML 6Page - National Semiconductor (TI) LF411 Datasheet HTML 7Page - National Semiconductor (TI) LF411 Datasheet HTML 8Page - National Semiconductor (TI) LF411 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LF411
Low Offset, Low Drift JFET Input Operational Amplifier
General Description
These devices are low cost, high speed, JFET input opera-
tional amplifiers with very low input offset voltage and guar-
anteed input offset voltage drift. They require low supply cur-
rent yet maintain a large gain bandwidth product and fast
slew rate. In addition, well matched high voltage JFET input
devices provide very low input bias and offset currents. The
LF411 is pin compatible with the standard LM741 allowing
designers to immediately upgrade the overall performance of
existing designs.
These amplifiers may be used in applications such as high
speed integrators, fast D/A converters, sample and hold cir-
cuits and many other circuits requiring low input offset volt-
age and drift, low input bias current, high input impedance,
high slew rate and wide bandwidth.
Features
n Internally trimmed offset voltage:
0.5 mV(max)
n Input offset voltage drift:
10 µV/˚C(max)
n Low input bias current:
50 pA
n Low input noise current:
n Wide gain bandwidth:
3 MHz(min)
n High slew rate:
10V/µs(min)
n Low supply current:
1.8 mA
n High input impedance:
10
12
Ω
n Low total harmonic distortion AV=10,
R
L=10k, VO=20 Vp-p, BW=20 Hz−20 kHz:
<0.02%
n Low 1/f noise corner:
50 Hz
n Fast settling time to 0.01%:2 µs
Typical Connection
Ordering Information
LF411XYZ
X indicates electrical grade
Y indicates temperature range
“M” for military
“C” for commercial
Z indicates package type
“H” or “N”
Connection Diagrams
BI-FET II™ is a trademark of National Semiconductor Corporation.
DS005655-1
Metal Can Package
DS005655-5
Note: Pin 4 connected to case.
Top View
Order Number LF411ACH
or LF411MH/883 (Note 1)
See NS Package Number H08A
Dual-In-Line Package
DS005655-7
Top View
Order Number LF411ACN,
LF411CN or LF411MJ/883 (Note 1)
See NS Package Number N08E or J08A
April 1998
© 1999 National Semiconductor Corporation
DS005655
www.national.com


Similar Part No. - LF411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF411 TI-LF411 Datasheet
172Kb / 7P
JFET-INPUT OPERATIONAL AMPLIFIER
LF411 TI1-LF411 Datasheet
395Kb / 11P
JFET-INPUT OPERATIONAL AMPLIFIER
LF411 TI2-LF411 Datasheet
435Kb / 13P
JFET-INPUT OPERATIONAL AMPLIFIER
REVISED OCTOBER 1997
LF411-N TI-LF411-N Datasheet
874Kb / 16P
LF411 Low Offset, Low Drift JFET Input Operational Amplifier
LF411-N TI1-LF411-N Datasheet
942Kb / 21P
Low Offset, Low Drift JFET Input Operational Amplifier
More results

Similar Description - LF411

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF412 NSC-LF412 Datasheet
565Kb / 13P
Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
Texas Instruments
LF411JAN TI1-LF411JAN Datasheet
874Kb / 16P
LF411JAN Low Offset, Low Drift JFET Input Operational Amplifier
LF411 TI1-LF411_11 Datasheet
551Kb / 15P
LF411 Low Offset, Low Drift JFET Input Operational Amplifier
LF411QML TI1-LF411QML Datasheet
699Kb / 20P
LF411QML Low Offset, Low Drift JFET Input Operational Amplifier
LF411-N TI-LF411-N Datasheet
874Kb / 16P
LF411 Low Offset, Low Drift JFET Input Operational Amplifier
LF411QML-SP TI-LF411QML-SP_15 Datasheet
1Mb / 19P
LF411QML Low Offset, Low Drift JFET Input Operational Amplifier
LF411-N TI1-LF411-N Datasheet
942Kb / 21P
Low Offset, Low Drift JFET Input Operational Amplifier
VLF411QML-SP TI1-VLF411QML-SP Datasheet
1Mb / 19P
Low Offset, Low Drift JFET Input Operational Amplifier
LF411JAN TI1-LF411JAN_16 Datasheet
1Mb / 18P
Low Offset, Low Drift JFET Input Operational Amplifier
logo
New Japan Radio
NJM2749 NJRC-NJM2749 Datasheet
606Kb / 12P
Low Offset, Low Drift Dual JFET Input Operational Amplifier
Ver.2017-07-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com