Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF412 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LF412
Description  Low Offset, Low Drift Dual JFET Input Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF412 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LF412 Datasheet HTML 1Page - National Semiconductor (TI) LF412 Datasheet HTML 2Page - National Semiconductor (TI) LF412 Datasheet HTML 3Page - National Semiconductor (TI) LF412 Datasheet HTML 4Page - National Semiconductor (TI) LF412 Datasheet HTML 5Page - National Semiconductor (TI) LF412 Datasheet HTML 6Page - National Semiconductor (TI) LF412 Datasheet HTML 7Page - National Semiconductor (TI) LF412 Datasheet HTML 8Page - National Semiconductor (TI) LF412 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AC Electrical Characteristics (Continued)
(Note 7)
Symbol
Parameter
Conditions
LF412A
LF412
Units
Min
Typ
Max
Min
Typ
Max
THD
Total Harmonic Dist
A
V=+10, RL=10k,
V
O=20 Vp-p,
BW=20 Hz-20 kHz
≤0.02
≤0.02
%
e
n
Equivalent Input Noise
T
A=25˚C, RS=100
Ω,25
25
Voltage
f=1 kHz
i
n
Equivalent Input Noise
T
A=25˚C, f=1 kHz
0.01
0.01
Current
Note 3: Unless otherwise specified the absolute maximum negative input voltage is equal to the negative power supply voltage.
Note 4: Any of the amplifier outputs can be shorted to ground indefintely, however, more than one should not be simultaneously shorted as the maximum junction
temperature will be exceeded.
Note 5: For operating at elevated temperature, these devices must be derated based on a thermal resistance of
θjA.
Note 6: These devices are available in both the commercial temperature range 0˚C
≤TA≤70˚C and the military temperature range −55˚C≤TA≤125˚C. The
temperature range is designated by the position just before the package type in the device number. A “C” indicates the commercial temperature range andan“M”
indicates the military temperature range. The military temperature range is available in “H” package only. In all cases the maximum operating temperature is limited
by internal junction temperature Tj max.
Note 7: Unless otherwise specified, the specifications apply over the full temperature range and for VS=±20V for the LF412A and for VS=±15V for the LF412. VOS,
IB, and IOS are measured at VCM=0.
Note 8: The LF412A is 100% tested to this specification. The LF412 is sample tested on a per amplifier basis to insure at least 85% of the amplifiers meet this
specification.
Note 9: The input bias currents are junction leakage currents which approximately double for every 10˚C increase in the junction temperature, Tj. Due to limited
production test time, the input bias currents measured are correlated to junction temperature. In normal operation the junction temperature rises above the ambient
temperature as a result of internal power dissipation, PD.Tj=TA+θjA PD where θjA is the thermal resistance from junction to ambient. Use of a heat sink is
recommended if input bias current is to be kept to a minimum.
Note 10: Supply voltage rejection ratio is measured for both supply magnitudes increasing or decreasing simultaneously in accordance with common practice. VS
= ±6V to ±15V.
Note 11: Refer to RETS412X for LF412MH and LF412MJ military specifications.
Note 12: Max. Power Dissipation is defined by the package characteristics. Operating the part near the Max. Power Dissipation may cause the part to operate
outside guaranteed limits.
Note 13: Human body model, 1.5 k
Ω in series with 100 pF.
Typical Performance Characteristics
Input Bias Current
Input Bias Current
00565610
00565611
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com