Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF412 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LF412
Description  Low Offset, Low Drift Dual JFET Input Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF412 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LF412 Datasheet HTML 1Page - National Semiconductor (TI) LF412 Datasheet HTML 2Page - National Semiconductor (TI) LF412 Datasheet HTML 3Page - National Semiconductor (TI) LF412 Datasheet HTML 4Page - National Semiconductor (TI) LF412 Datasheet HTML 5Page - National Semiconductor (TI) LF412 Datasheet HTML 6Page - National Semiconductor (TI) LF412 Datasheet HTML 7Page - National Semiconductor (TI) LF412 Datasheet HTML 8Page - National Semiconductor (TI) LF412 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LF412
Low Offset, Low Drift Dual JFET Input Operational
Amplifier
General Description
These devices are low cost, high speed, JFET input opera-
tional amplifiers with very low input offset voltage and guar-
anteed input offset voltage drift. They require low supply
current yet maintain a large gain bandwidth product and fast
slew rate. In addition, well matched high voltage JFET input
devices provide very low input bias and offset currents. The
LF412 dual is pin compatible with the LM1558, allowing
designers to immediately upgrade the overall performance of
existing designs.
These amplifiers may be used in applications such as high
speed integrators, fast D/A converters, sample and hold
circuits and many other circuits requiring low input offset
voltage and drift, low input bias current, high input imped-
ance, high slew rate and wide bandwidth.
Features
n
Internally trimmed offset voltage:
1 mV (max)
n
Input offset voltage drift:
10 µV/˚C (max)
n
Low input bias current:
50 pA
n
Low input noise current:
n
Wide gain bandwidth:
3 MHz (min)
n
High slew rate:
10V/µs (min)
n
Low supply current:
1.8 mA/Amplifier
n
High input impedance:
10
12
Ω
n
Low total harmonic distortion
≤0.02%
n
Low 1/f noise corner:
50 Hz
n
Fast settling time to 0.01%:
2 µs
Typical Connection
00565641
Ordering Information
LF412XYZ
X indicates electrical grade
Y indicates temperature range
“M” for military
“C” for commercial
Z indicates package type
“H” or “N”
Connection Diagrams
Metal Can Package
00565642
Order Number LF412MH, LF412CH
or LF412MH/883 (Note 1)
See NS Package Number H08A
Dual-In-Line Package
00565644
Order Number LF412ACN, LF412CN
or LF412MJ/883 (Note 1)
See NS Package Number J08A or N08E
BI-FET II™ is a trademark of National Semiconductor Corporation.
August 2000
© 2004 National Semiconductor Corporation
DS005656
www.national.com


Similar Part No. - LF412

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF412 TI1-LF412 Datasheet
1Mb / 16P
LF412 Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412 TI2-LF412 Datasheet
425Kb / 12P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
REVISED AUGUST 1994
LF412 MD8 TI2-LF412 MD8 Datasheet
1Mb / 20P
LF412QML Low Offset, Low Drift Dual JFET Input Operational Amplifier
REVISED MARCH 2013
LF412 MWC TI2-LF412 MWC Datasheet
425Kb / 12P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
REVISED AUGUST 1994
LF412 MWC TI2-LF412 MWC Datasheet
425Kb / 12P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
REVISED AUGUST 1994
More results

Similar Description - LF412

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF411 NSC-LF411 Datasheet
456Kb / 12P
Low Offset, Low Drift JFET Input Operational Amplifier
logo
Texas Instruments
LF412JAN TI1-LF412JAN Datasheet
1Mb / 16P
LF412JAN Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412 TI1-LF412 Datasheet
1Mb / 16P
LF412 Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412QML TI1-LF412QML Datasheet
1Mb / 18P
LF412QML Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412-N TI-LF412-N Datasheet
3Mb / 17P
LF412 Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF411-N TI1-LF411-N Datasheet
942Kb / 21P
Low Offset, Low Drift JFET Input Operational Amplifier
VLF411QML-SP TI1-VLF411QML-SP Datasheet
1Mb / 19P
Low Offset, Low Drift JFET Input Operational Amplifier
LF411JAN TI1-LF411JAN_16 Datasheet
1Mb / 18P
Low Offset, Low Drift JFET Input Operational Amplifier
LF412-N-MIL TI1-LF412-N-MIL Datasheet
3Mb / 22P
Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
New Japan Radio
NJM2749 NJRC-NJM2749 Datasheet
606Kb / 12P
Low Offset, Low Drift Dual JFET Input Operational Amplifier
Ver.2017-07-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com