Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM810SW16F Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM810SW16F
Description  Reset Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM810SW16F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM810SW16F Datasheet HTML 10Page - STMicroelectronics STM810SW16F Datasheet HTML 11Page - STMicroelectronics STM810SW16F Datasheet HTML 12Page - STMicroelectronics STM810SW16F Datasheet HTML 13Page - STMicroelectronics STM810SW16F Datasheet HTML 14Page - STMicroelectronics STM810SW16F Datasheet HTML 15Page - STMicroelectronics STM810SW16F Datasheet HTML 16Page - STMicroelectronics STM810SW16F Datasheet HTML 17Page - STMicroelectronics STM810SW16F Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
STM809/810/811/812
14/18
Figure 17. SOT143-4 – 4-lead Small Outline Transistor Package Outline
Note: Drawing is not to scale.
Table 7. SOT143-4 – 4-lead Small Outline Transistor Package Mechanical Data
Symbol
mm
inches
Typ
Min
Max
Typ
Min
Max
A
0.89
1.12
0.035
0.044
A1
0.01
0.10
0.001
0.004
A2
0.88
1.02
0.035
0.042
b
0.37
0.51
0.015
0.020
b2
0.76
0.94
0.030
0.037
C
0.09
0.18
0.004
0.007
D
2.80
3.04
0.110
0.120
E
2.10
2.64
0.083
0.104
E1
1.20
1.40
0.047
0.055
e
1.92
0.076
e1
0.20
0.008
L
0.55
0.022
L1
0.40
0.60
0.016
0.024
Θ
0°
10°
0°
10°
N4
4
SOT143-4
0.10
C
A
A2
A1
4X
b2
C
M
CA B
0.15
C
L1
θ
L
C
e1
D
e
e/2
E
M
0.15
CA B
B
E1
A
M
CA B
3X b
0.20
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com