Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM810SW16F Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM810SW16F
Description  Reset Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM810SW16F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM810SW16F Datasheet HTML 2Page - STMicroelectronics STM810SW16F Datasheet HTML 3Page - STMicroelectronics STM810SW16F Datasheet HTML 4Page - STMicroelectronics STM810SW16F Datasheet HTML 5Page - STMicroelectronics STM810SW16F Datasheet HTML 6Page - STMicroelectronics STM810SW16F Datasheet HTML 7Page - STMicroelectronics STM810SW16F Datasheet HTML 8Page - STMicroelectronics STM810SW16F Datasheet HTML 9Page - STMicroelectronics STM810SW16F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
STM809/810/811/812
6/18
OPERATION
Reset Output
The STM809/810/811/812 MICROPROCESSOR
RESET CIRCUIT asserts a reset signal to the
MCU whenever VCC goes below the reset thresh-
old (VRST), or when the push-button reset input
(MR) is taken low (see Figure 15., page 11). RST
(active high for STM810/812) is guaranteed valid
down to VCC =1V (0° to 70°C).
During power-up, once VCC exceeds the reset
threshold an internal timer keeps RST low for the
reset time-out period, trec. After this interval, RST
returns high.
If VCC drops below the reset threshold, RST goes
low. Each time RST is asserted, it stays low for at
least the reset time-out period. Any time VCC goes
below the reset threshold, the internal timer clears.
The reset timer starts when VCC returns above the
reset threshold. The active-low reset (RST) and
active-high reset (RST) both source and sink cur-
rent.
Push-Button Reset Input (STM811/812)
A logic low on MR asserts RST. RST remains as-
serted while MR is low, and for trec after it returns
high. The MR input has an internal 20k
Ω pull-up
resistor, allowing it to be left open if not used. This
input can be driven with TTL/CMOS-logic levels or
with open-drain/collector outputs. Connect a nor-
mally open push-button switch from MR to GND to
create a manual reset function; external debounce
circuitry is not required. If the device is used in a
noisy environment, connect a 0.1µF capacitor
from MR to GND to provide additional noise immu-
nity.
Negative-Going VCC Transients
The STM809/810/811/812 are relatively immune
to negative-going VCC transients (glitches). Figure
13., page 9 shows typical transient duration ver-
sus reset comparator overdrive (for which the
STM809/810/811/812 will NOT generate a reset
pulse). The graph was generated using a negative
pulse applied to VCC, starting at 0.5V above the
actual reset threshold and ending below it by the
magnitude indicated (comparator overdrive). The
graph indicates the maximum pulse width a nega-
tive VCC transient can have without causing a re-
set pulse. As the magnitude of the transient
increases (further below the threshold), the maxi-
mum allowable pulse width decreases. Any com-
bination of duration and overdrive which lies under
the curve will NOT generate a reset signal. Typi-
cally, a VCC transient that goes 100mV below the
reset threshold and lasts 20µs or less will not
cause a reset pulse. A 0.1µF bypass capacitor
mounted as close as possible to the VCC pin pro-
vides additional transient immunity.
Valid /RST Output Down to VCC = 0V
When VCC falls below 1V, the RST (STM809/811)
output no longer sinks current, but becomes an
open circuit. In most systems this is not a problem,
as most MCUs do not operate below 1V. However,
in applications where RST output must be valid
down to 0V, a pull-down resistor may be added to
hold the RST output low. This resistor must be
large enough to not load the RST output, and still
be small enough to pull the output to ground. A
100K
Ω resistor is recommended.
Note: The same situation applies for the active-
high RST of the STM810/812. A 100K
Ω pull-up re-
sistor to VCC should be used if RST must remain
valid for VCC < 1.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com