Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS33 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAS33
Description  SMALL SIGNAL SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAS33 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAS33 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAS33 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMALL SIGNAL SWITCHING DIODES
BAS33 - BAS34
Thermal Characteristics Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage
BAS33
VR
30
V
BAS34
VR
60
V
Peak forward surge current
tp = 1 µs
IFSM
2A
Forward continuous current
IF
200
mA
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
l = 4 mm, TL = constant
RthJA
350
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
- 65 to + 175
°C
Features
Mechanical Data
Electrical Characteristics Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 100 mA
VF
1000
mV
Reverse current
E
≤ 300 lx, V
R
IR
13
nA
E
≤ 300 lx, V
R, Tj = 125 °C
IR
0.5
μA
E
≤ 300 lx, V
R = 15V
BAS33
IR
0.5
1
nA
E
≤ 300 lx, V
R = 30 V
BAS34
IR
0.5
1
nA
Breakdown voltage
IR = 5 µA, tp/T = 0.01, tp = 0.3 ms
BAS33
V(BR)
40
V
BAS34
V(BR)
70
V
Diode capacitance
VR = 0, f = 1 MHz
CD
3pF
Maximum Ratings @ TA = 25°C unless otherwise specified
· Case: DO-35
· Leads: Solderable per MIL-STD-202,
Method 208
· Polarity: Cathode Band
· Marking: Type Number
· Weight: 0.13 grams (approx.)
0.079(2.0)
MAX
0.020(0.52)
TYP
0.165 (4.2)
MAX
1.0 2(26.0)
MIN.
1.0 2(26.0)
MIN.
DO-35(GLASS)
Dimensions in millimeters
1 of 2
www.sunmate.tw
Silicon Planar Diodes
Very low reverse current
•
•


Similar Part No. - BAS33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS33 VISHAY-BAS33 Datasheet
35Kb / 3P
Silicon Planar Diodes
01-Apr-99
BAS33 VISHAY-BAS33 Datasheet
113Kb / 4P
Small Signal Switching Diodes
16-Feb-07
BAS33 VISHAY-BAS33 Datasheet
102Kb / 3P
Small Signal Switching Diodes
17-Aug-10
logo
SUNMATE electronic Co.,...
BAS33 SUNMATE-BAS33 Datasheet
188Kb / 2P
200mA Axial Leaded Small Signal Switching Diodes
logo
Vishay Siliconix
BAS33 VISHAY-BAS33 Datasheet
78Kb / 3P
Small Signal Switching Diodes
26-Nov-2021
More results

Similar Description - BAS33

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-16-G COMCHIP-CDSH3-16-G_12 Datasheet
71Kb / 2P
Small Signal Switching Diodes
CDSH3-21-G COMCHIP-CDSH3-21-G_12 Datasheet
69Kb / 2P
Small Signal Switching Diodes
CDSH3-222N-G COMCHIP-CDSH3-222N-G_12 Datasheet
76Kb / 2P
Small Signal Switching Diodes
CDST-99-G COMCHIP-CDST-99-G_12 Datasheet
114Kb / 4P
Small Signal Switching Diodes
CDST-914-G COMCHIP-CDST-914-G_12 Datasheet
106Kb / 4P
Small Signal Switching Diodes
CDST-7000-G COMCHIP-CDST-7000-G_12 Datasheet
67Kb / 2P
Small Signal Switching Diodes
CDSV3-16-G COMCHIP-CDSV3-16-G_12 Datasheet
110Kb / 4P
Small Signal Switching Diodes
CDSV3-217-G COMCHIP-CDSV3-217-G_12 Datasheet
105Kb / 4P
Small Signal Switching Diodes
logo
Shenzhen Luguang Electr...
1SS132 LUGUANG-1SS132 Datasheet
194Kb / 2P
Small Signal Switching Diodes
1SS134 LUGUANG-1SS134 Datasheet
185Kb / 2P
Small Signal Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com