Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP331 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP331
Description  Office Machine Household Use Equipment Programmable Controllers AC / DC-Input Module Telecommunication
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP331 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP331 Datasheet HTML 1Page - Toshiba Semiconductor TLP331 Datasheet HTML 2Page - Toshiba Semiconductor TLP331 Datasheet HTML 3Page - Toshiba Semiconductor TLP331 Datasheet HTML 4Page - Toshiba Semiconductor TLP331 Datasheet HTML 5Page - Toshiba Semiconductor TLP331 Datasheet HTML 6Page - Toshiba Semiconductor TLP331 Datasheet HTML 7Page - Toshiba Semiconductor TLP331 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP331,TLP332
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & Photo
−Transistor
TLP331,TLP332
Office Machine
Household Use Equipment
Programmable Controllers
AC / DC
−Input Module
Telecommunication
The TOSHIBA TLP331 and TLP332 consists of a gallium arsenide
infrared emitting diode optically coupled to a photo−transistor in a six
lead plastic DIP package.
This photocoupler provides the unique feature of high current transfer
ratio at both low output voltage and low input current. This makes it
ideal for use in low power logic circuits, telecommunications equipment
and portable electronics isolation applications.
TLP332 is no−base internal connection for high−EMI environments.
· Collector−emitter voltage: 55V (min.)
· Isolation voltage: 5000Vrms (min.)
· UL recognized: UL1577, file no. E67349
· Current transfer ratio
Current Transfer Ratio (min.)
Ta = 25°C
Ta =
-25~75°C
Classi
-
fication
(*)
IF = 1mA
VCE = 0.5V
IF = 0.5mA
VCE = 1.5V
IF = 1mA
VCE = 0.5V
Marking
Of
Classi
-
Fication
Rank BV
200%
100%
100%
BV
Standard
100%
50%
50%
BV, blank
(*) Ex.
Standard: TLP331
Rank BV: TLP331(BV)
(Note) Application type name for certification test,
please use standard product type name, i.e.
TLP331(BV): TLP331
Pin Configurations(top view)
2
1: ANODE
2: CATHODE
3: NC
4: EMITTER
5: COLLECTOR
6: BASE
1
5
6
4
3
2
1: ANODE
2: CATHODE
3: NC
4: EMITTER
5: COLLECTOR
6: NC
5
6
4
3
1
TLP331
TLP332
Unit in mm
TOSHIBA
11−7A8
Weight: 0.4 g


Similar Part No. - TLP331

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP331 TOSHIBA-TLP331 Datasheet
193Kb / 8P
GaAs Ired & Photo−Transistor
TLP3312 TOSHIBA-TLP3312 Datasheet
251Kb / 8P
Battery Control Measuring Instruments Logic IC Testers / Memory Testers
TLP3315 TOSHIBA-TLP3315 Datasheet
200Kb / 7P
Normally open (1-Form-A)
TLP3316 TOSHIBA-TLP3316 Datasheet
213Kb / 7P
Photocouplers Photorelay
2020-02-19 Rev.4.0
TLP3317 TOSHIBA-TLP3317 Datasheet
198Kb / 7P
OFF-state output terminal voltage - 80 V (min)
More results

Similar Description - TLP331

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP124 TOSHIBA-TLP124 Datasheet
162Kb / 8P
Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP131 TOSHIBA-TLP131 Datasheet
182Kb / 9P
Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP137 TOSHIBA-TLP137 Datasheet
221Kb / 9P
Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP3061 TOSHIBA-TLP3061 Datasheet
285Kb / 5P
office machine household use equipment
TLP626 TOSHIBA-TLP626 Datasheet
387Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
TLP126 TOSHIBA-TLP126 Datasheet
179Kb / 8P
Programmable Controllers AC DC-Input Module Telecommunication
TLP124BV TOSHIBA-TLP124BV Datasheet
167Kb / 8P
Office Machine Programmable Controllers Office Machine Telecommunication
TLP180GB-TPLFT TOSHIBA-TLP180GB-TPLFT Datasheet
188Kb / 8P
Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP371F TOSHIBA-TLP371F Datasheet
193Kb / 8P
Office Machine Household Use Equipment Telecommunication Solid State Relay Programmable Controllers
TLP629 TOSHIBA-TLP629 Datasheet
542Kb / 7P
Telecommunication Office Machine Telephone Use Equipment
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com