Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP759 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP759
Description  Transistor Invertor Inverter For Air Conditioner Line Receiver IPM Interfaces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP759 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP759 Datasheet HTML 1Page - Toshiba Semiconductor TLP759 Datasheet HTML 2Page - Toshiba Semiconductor TLP759 Datasheet HTML 3Page - Toshiba Semiconductor TLP759 Datasheet HTML 4Page - Toshiba Semiconductor TLP759 Datasheet HTML 5Page - Toshiba Semiconductor TLP759 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP759(IGM)
2003-02-19
2
· Option (D4) type
VDE approved: DIN VDE0884 / 06.92,
Maximum operating insulation voltage: 890VPK
Highest permissible over voltage: 6000VPK
(Note 1) When a VDE0884 approved type is needed,
please designate the “Option (D4)”
· Structural parameter
7.62mm pich TLP759 (IGM)
Creepage distance: 7.0mm (min.)
Clearance: 7.0mm (min.)
Insulation thickness: 0.4mm (min.)
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
(Note 2)
IF
25
mA
Pulse forward current
(Note 3)
IFP
50
mA
Peak transient forward current
(Note 4)
IFPT
1
A
Reverse voltage
VR
5
V
Diode power dissipation
(Note 5)
PD
45
mW
Output current
IO
8
mA
Peak output current
IOP
16
mA
Output voltage
VO
-0.5~20
V
supply voltage
VCC
-0.5~30
V
Output power dissipation
(Note 6)
PO
100
mW
Operating temperature range
Topr
-55~100
°C
Storage temperature range
Tstg
-55~125
°C
Lead solder temperature(10s)
(Note 7)
Tsol
260
°C
Isolation voltage(AC,1min.,R.H.≤60%,Ta=25°C)
(Note 8)
BVS
5000
Vrms
(Note 2): Derate 0.8mA above 70°C.
(Note 3): 50% duty cycle,1ms pulse width.
Derate 1.6mA / °C above 70°C.
(Note 4): Pulse width PW ≤ 1µs,300pps.
(Note 5): Derate 0.9mW / °C above 70°C.
(Note 6): Derate 2mW / °C above 70°C.
(Note 7): Soldering portion of lead: Up to 2mm from the body of the device.
(Note 8): Device considerd a two terminal device: Pins 1, 2, 3 and 4 shorted together and
pins 5, 6, 7 and 8 shorted together.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com