Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP759 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP759
Description  Transistor Invertor Inverter For Air Conditioner Line Receiver IPM Interfaces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP759 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP759 Datasheet HTML 1Page - Toshiba Semiconductor TLP759 Datasheet HTML 2Page - Toshiba Semiconductor TLP759 Datasheet HTML 3Page - Toshiba Semiconductor TLP759 Datasheet HTML 4Page - Toshiba Semiconductor TLP759 Datasheet HTML 5Page - Toshiba Semiconductor TLP759 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP759(IGM)
2003-02-19
4
Switching Characteristics (Ta = 25°C,VCC = 15V)
Characteristic
Symbol
Test
Cir
-
cuit
Test Condition
Min.
Typ.
Max.
Unit
IF = 10mA,RL = 20kΩ
0.1
0.45
0.8
IF = 10mA,RL = 20kΩ
Ta = 0~85°C
0.1
0.45
0.9
Propagation delay time
(H→L)
Propagation delay time
(L→H)
tpHL
tpLH
IF = 10mA,RL = 20kΩ
Ta =
-25~100°C
0.1
0.45
1.0
µs
IF = 10mA,RL = 20kΩ
―
0.15
0.7
IF = 10mA,RL = 20kΩ
Ta = 0~85°C
―
0.25
0.8
Switching time
dispersion between on
and off
|tpLH-tpHL|
1
IF = 10mA,RL = 20kΩ
Ta =
-25~100°C
―
0.25
0.9
µs
Common mode
transient immunity at
logic high output
(Note 9)
CMH
IF = 0mA
VCM = 1500Vp-p
RL = 20kΩ
10000 15000
―
V / µs
Common mode
transient immunity at
logic low output
(Note 9)
CML
2
IF =10mA
VCM = 1500Vp-p
RL = 20kΩ
-10000 -15000
―
V / µs
(Note 9): CML is the maximum rate of fall of the common mode voltage that can be
sustained with the output voltage in the logic low state(VO < 1V).
CMH is the maximum rate of rise of the common mode voltage that can be
sustained with the output voltage in the logic high state(VO < 4V).
(Note 10): Maximum electrostatic discharge voltage for any pins: 100V(C = 200pF, R = 0).
Test Circuit 1: Switching Time Test Circuit
tpHL
15V
VO
IF
1.5V
1.5V
VOL
0
tpLH
IF
1
2
3
4
8
7
6
5
PW = 100µs
Duty ratio = 1 / 10
VCC = 15 V
RL
VO
Output
monitor
Pulse input
IF Monitor



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com