Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1438 Datasheet(PDF) 21 Page - SMSC Corporation

Part # EMC1438
Description  1째C Multiple Temperature Sensor with Hardware Controlled Standby & Hottest of Multiple Zones
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1438 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button EMC1438 Datasheet HTML 17Page - SMSC Corporation EMC1438 Datasheet HTML 18Page - SMSC Corporation EMC1438 Datasheet HTML 19Page - SMSC Corporation EMC1438 Datasheet HTML 20Page - SMSC Corporation EMC1438 Datasheet HTML 21Page - SMSC Corporation EMC1438 Datasheet HTML 22Page - SMSC Corporation EMC1438 Datasheet HTML 23Page - SMSC Corporation EMC1438 Datasheet HTML 24Page - SMSC Corporation EMC1438 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
1°C Multiple Temperature Sensor with Hardware Controlled Standby & Hottest of Multiple Zones
Datasheet
SMSC EMC1438
21
Revision 1.0 (04-29-10)
DATASHEET
5.6
System Configuration Controls
Each channel can be configured to use Resistance Error Correction, Beta Compensation, and Digital
Averaging based on user settings and system requirements. Conversion rates and Dynamic Averaging
are also configurable.
5.6.1
Resistance Error Correction
The EMC1438 includes active Resistance Error Correction to remove the effect of up to 100 ohms of
series resistance. Without this automatic feature, voltage developed across the parasitic resistance in
the remote diode path causes the temperature to read higher than the true temperature is. The error
induced by parasitic resistance is approximately +0.7°C per ohm. Sources of series resistance include
bulk resistance in the remote temperature transistor junctions, series resistance in the CPU, and
resistance in the printed circuit board traces and package leads. Resistance error correction in the
EMC1438 eliminates the need to characterize and compensate for parasitic resistance in the remote
diode path.
5.6.2
Beta Compensation
The forward current gain, or beta, of a transistor is not constant as emitter currents change. As well,
it is not constant over changes in temperature. The variation in beta causes an error in temperature
reading that is proportional to absolute temperature. Compensating for this error is also known as
implementing the BJT or transistor model for temperature measurement.
For discrete transistors configured with the collector and base shorted together, the beta is generally
sufficiently high such that the percent change in beta variation is very small. For example, a 10%
variation in beta for two forced emitter currents with a transistor whose ideal beta is 50 would contribute
approximately 0.25°C error at 100°C. However, for substrate transistors where the base-emitter
junction is used for temperature measurement and the collector is tied to the substrate, the proportional
beta variation will cause large error. For example, a 10% variation in beta for two forced emitter
currents with a transistor whose ideal beta is 0.5 would contribute approximately 8.25°C error at 100°C.
The Beta Compensation circuitry in the EMC1438 corrects for this beta variation to eliminate any error
which would normally be induced. It automatically detects the appropriate beta setting to use.
5.6.3
Digital Averaging
To reduce the effect of noise and temperature spikes on the reported temperature, all of the external
diode channels can use digital averaging. This averaging acts as a running average using the previous
four measured values.
The default setting is to have digital averaging disabled for all channels. It can be enabled for each
channel individually by the Filter Control Register (Section 6.22, "Filter Control Register").
5.6.4
Conversion Rates
The EMC1438 may be configured for different conversion rates based on the system requirements.
The conversion rate is configured as described in Section 6.5, "Conversion Rate Register". The default
conversion rate is 4 conversions per second. Other available conversion rates are shown in Table 6.7.
5.6.5
Dynamic Averaging
Dynamic averaging causes the EMC1438 to measure the external diode channels for an extended time
based on the selected conversion rate. This functionality can be disabled for increased power savings
at the lower conversion rates (see Section 6.4, "Configuration Register"). When dynamic averaging is
enabled, the device will automatically adjust the sampling and measurement time for the external diode
channels. This allows the device to average 2x or 4x longer than the normal 11 bit operation (nominally
21ms per channel) while still maintaining the selected conversion rate. The benefits of dynamic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com