Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1438 Datasheet(PDF) 7 Page - SMSC Corporation

Part # EMC1438
Description  1째C Multiple Temperature Sensor with Hardware Controlled Standby & Hottest of Multiple Zones
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1438 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button EMC1438 Datasheet HTML 3Page - SMSC Corporation EMC1438 Datasheet HTML 4Page - SMSC Corporation EMC1438 Datasheet HTML 5Page - SMSC Corporation EMC1438 Datasheet HTML 6Page - SMSC Corporation EMC1438 Datasheet HTML 7Page - SMSC Corporation EMC1438 Datasheet HTML 8Page - SMSC Corporation EMC1438 Datasheet HTML 9Page - SMSC Corporation EMC1438 Datasheet HTML 10Page - SMSC Corporation EMC1438 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
1°C Multiple Temperature Sensor with Hardware Controlled Standby & Hottest of Multiple Zones
Datasheet
SMSC EMC1438
7
Revision 1.0 (04-29-10)
DATASHEET
Chapter 1 Delta
1.1
Delta from EMC1428 to EMC1438
1. Order numbers EMC1438-1 and EMC1438-2.
2. Pin 5 was changed from TRIP_SET to ADDR_SEL.
3. Pin 6 was changed from SYS_SHDN to THERM.
4. Pin 13 was changed from N/C to STANDBY.
5. Added Standby low power state (see Section 5.2, "Power States") and STANDBY register bit (see
Section 6.4, "Configuration Register").
6. Added pin-selectable SMBus address (see Section 4.1.2, "SMBus Address and RD / WR Bit").
7. Added support for SMBus block read and write.
8. Changed default for MASK_ALL bit to 1, which prevents ALERT# pin assertion in interrupt mode
(see Section 6.4, "Configuration Register").
9. Removed SYS_SHDN Configuration Register 1Dh.
10. Changed default Channel Interrupt Mask Register 1Fh from F0h to 00h so all of the enabled
channels will assert the ALERT pin in comparator mode (see Section 6.11, "Channel Interrupt Mask
Register").
11. EMC1438-1 changed default Channel Configuration Register 3Bh from 00h to 0Eh so all of the
DPx/DNx and DNx/DPx pins power up with APD enabled, thereby enabling all temperature
channels at power up (see Section 6.21, "Channel Configuration Register"). EMC1438-2 leaves the
register default set at 00h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com