Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2375 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2375
Description  IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2375 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2375 Datasheet HTML 1Page - Texas Instruments TPS2375 Datasheet HTML 2Page - Texas Instruments TPS2375 Datasheet HTML 3Page - Texas Instruments TPS2375 Datasheet HTML 4Page - Texas Instruments TPS2375 Datasheet HTML 5Page - Texas Instruments TPS2375 Datasheet HTML 6Page - Texas Instruments TPS2375 Datasheet HTML 7Page - Texas Instruments TPS2375 Datasheet HTML 8Page - Texas Instruments TPS2375 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
D−8
PW−8
www.ti.com
FEATURES
APPLICATIONS
1
2
3
4
5
6
7
8
VSS
CLASS
UVLO
DET
RTN
PG
VDD
ILIM
1
2
3
4
5
6
7
8
VSS
CLASS
N/C
DET
RTN
PG
VDD
ILIM
TPS2375/77
(TOP VIEW)
TPS2376
(TOP VIEW)
DESCRIPTION
Data to
Ethernet PHY
CLASS
DET
RTN
PG
Data to
Ethernet
PHY
1
3
6
4
5
7
8
ILIM
2
RJ−45
DF01S
2 Places
Note: Class 3 PD Depicted.
PG Pullup Resistor Is Optional.
TX
Pair
RX
Pair
Spare
Pair
Spare
Pair
VDD
Input
Current
VRTN
V
Detect
Classify Power Up & Inrush
Class 3
(PG-RTN)
100
kW
100 V
100 mF,
R(DET)
24.9 kW,
1 %
R(ILIM)
178 kW,
1 %
R(ICLASS)
357 W,
1 %
100 V
0.1mF,
10 %
Note: All Voltages With Respect to VSS.
Current
TPS2375
TPS2376
TPS2377
SLVS525A – APRIL 2004 – REVISED SEPTEMBER 2004
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
•
VoIP Phones
•
Fully Supports IEEE 802.3af Specification
•
WLAN Access Points
•
Integrated 0.58-
Ω, 100-V, Low-Side Switch
•
Security Cameras
•
15-kV System Level ESD Capable
•
Internet Appliances
•
Supports Use of Low-Cost Silicon Rectifiers
•
POS Terminals
•
Programmable Inrush Current Control
•
Fixed 450-mA Current Limit
•
Fixed and Adjustable UVLO Options
•
Open-Drain, Power-Good Reporting
•
Overtemperature Protection
•
Industrial Temperature Range: -40
°C to 85°C
•
8-Pin SOIC and TSSOP Packages
These easy-to-use 8-pin integrated circuits contain all of the features needed to develop an IEEE 802.3af
compliant powered device (PD). The TPS2375 family is a second generation PDC (PD Controller) featuring
100-V ratings and a true open-drain, power-good function.
In addition to the basic functions of detection, classification and undervoltage lockout (UVLO), these controllers
include an adjustable inrush limiting feature. The TPS2375 has 802.3af compliant UVLO limits, the TPS2377 has
legacy UVLO limits, and the TPS2376 has a programmable UVLO with a dedicated input pin.
The TPS2375 family specifications incorporate a voltage offset of 1.5 V between its limits and the IEEE 802.3af
specifications to accommodate the required input diode bridges used to make the PD polarity insensitive.
Additional resources can be found on the TI Web site www.ti.com.
Figure 1. Typical Application Circuit and Startup Waveforms
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2375

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2375 TI-TPS2375 Datasheet
590Kb / 22P
IEEE 802.3af PoE HIGH POWER PD CONTROLLER
TPS2375 TI-TPS2375 Datasheet
959Kb / 25P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375 TI-TPS2375 Datasheet
895Kb / 25P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375 TI2-TPS2375 Datasheet
896Kb / 28P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
REVISED APRIL 2008
TPS2375-1 TI-TPS2375-1 Datasheet
670Kb / 23P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
More results

Similar Description - TPS2375

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2375-1 TI-TPS2375-1 Datasheet
670Kb / 23P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
IEEE 802.3af PoE Powered Device (PD) interface controller
26-Jul-2007
logo
Maxim Integrated Produc...
MAX5981A MAXIM-MAX5981A Datasheet
1Mb / 16P
IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 2; 8/11
MAX5982A MAXIM-MAX5982A Datasheet
1Mb / 17P
IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 0; 6/11
logo
Texas Instruments
TPS2375DR TI-TPS2375DR Datasheet
959Kb / 25P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375-1 TI1-TPS2375-1_17 Datasheet
1Mb / 27P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
IEEE 802.3af/at, PoE, Powered Device, Interface Controller
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
MPS Industries, Inc.
MP8020 MPSIND-MP8020 Datasheet
2Mb / 27P
IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
Rev. 1.0 2/17/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com