Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3016LFDF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN3016LFDF
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3016LFDF Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN3016LFDF Datasheet HTML 1Page - Diodes Incorporated DMN3016LFDF Datasheet HTML 2Page - Diodes Incorporated DMN3016LFDF Datasheet HTML 3Page - Diodes Incorporated DMN3016LFDF Datasheet HTML 4Page - Diodes Incorporated DMN3016LFDF Datasheet HTML 5Page - Diodes Incorporated DMN3016LFDF Datasheet HTML 6Page - Diodes Incorporated DMN3016LFDF Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMN3016LFDF
Document number: DS37735 Rev. 1 - 2
1 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMN3016LFDF
N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) Max
ID Max
TA = 25°C
30V
12m
Ω @ VGS = 10V
10A
16m
Ω @ VGS = 4.5V
8.5A
Description and Applications
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Battery Management Application
Power Management Functions
DC-DC Converters
Features and Benefits
0.6mm profile
– Ideal for Low Profile Applications
PCB Footprint of 4mm
2
Low Gate Threshold Voltage
Low On-Resistance
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: U-DFN2020-6 (Type F)
Case Material: Molded Plasti
c, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– NiPdAu over Copper leadframe. Solderable
per MIL-STD-202, Method 208
Weight: 0.0065 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN3016LFDF-7
U-DFN2020-6 (Type F)
3,000/Tape & Reel
DMN3016LFDF-13
U-DFN2020-6 (Type F)
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2016
2017
2018
2019
2020
2021
2022
2023
Code
D
E
F
G
H
I
J
K
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
NZ = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: D = 2016)
M = Month (ex: 9 = September)
U-DFN2020-6 (Type F)
Equivalent Circuit
Pin1
D
S
G
Bottom View
Top View
Pin Out
Bottom View
NZ
e4


Similar Part No. - DMN3016LFDF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3016LFDE DIODES-DMN3016LFDE Datasheet
265Kb / 6P
Low Gate Threshold Voltage
Rev 2
DMN3016LFDE-13 DIODES-DMN3016LFDE-13 Datasheet
265Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN3016LFDE-13 DIODES-DMN3016LFDE-13 Datasheet
265Kb / 6P
Low Gate Threshold Voltage
Rev 2
DMN3016LFDE-7 DIODES-DMN3016LFDE-7 Datasheet
265Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN3016LFDE-7 DIODES-DMN3016LFDE-7 Datasheet
265Kb / 6P
Low Gate Threshold Voltage
Rev 2
More results

Similar Description - DMN3016LFDF

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com