Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3016LFDF Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN3016LFDF
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3016LFDF Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN3016LFDF Datasheet HTML 1Page - Diodes Incorporated DMN3016LFDF Datasheet HTML 2Page - Diodes Incorporated DMN3016LFDF Datasheet HTML 3Page - Diodes Incorporated DMN3016LFDF Datasheet HTML 4Page - Diodes Incorporated DMN3016LFDF Datasheet HTML 5Page - Diodes Incorporated DMN3016LFDF Datasheet HTML 6Page - Diodes Incorporated DMN3016LFDF Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMN3016LFDF
Document number: DS37735 Rev. 1 - 2
4 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMN3016LFDF
0
5
10
15
20
25
30
0
0.2
0.4
0.6
0.8
1.0
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
Fig. 8 Diode Forward Voltage vs. Current
SD
0
200
400
600
800
1,000
1,200
1,400
1,600
1,800
2,000
0
5
10
15
20
25
30
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 9 Typical Junction Capacitance
DS
Coss
Crss
Ciss
f = 1MHz
0
5
10
15
20
25
30
Q , TOTAL GATE CHARGE (nC)
Fig. 10 Gate-Charge Characteristics
g
f = 1MHz
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
A
V
,
G
A
T
E
T
H
R
E
S
H
O
L
D
V
O
L
T
A
G
E
(
V
)
G
S
(
T
H
)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com