Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2214 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2214
Description  CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2214 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2214 Datasheet HTML 1Page - Texas Instruments TPS2214 Datasheet HTML 2Page - Texas Instruments TPS2214 Datasheet HTML 3Page - Texas Instruments TPS2214 Datasheet HTML 4Page - Texas Instruments TPS2214 Datasheet HTML 5Page - Texas Instruments TPS2214 Datasheet HTML 6Page - Texas Instruments TPS2214 Datasheet HTML 7Page - Texas Instruments TPS2214 Datasheet HTML 8Page - Texas Instruments TPS2214 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
www.ti.com
FEATURES
APPLICATIONS
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
TPS2223A, TPS2224A
DB OR PWP PACKAGE
(TOP VIEW)
5V
5V
DATA
CLOCK
LATCH
NC
12V†
AVPP
AVCC
AVCC
GND
RESET
5V
NC
NC
SHDN
12V†
BVPP
BVCC
BVCC
NC
OC
3.3V
3.3V
NC − No internal connection
† Pin 7 and 20 are NC for TPS2223A.
DESCRIPTION
TPS2220A, TPS2223A
TPS2224A, TPS2226A
SLVS428B – MAY 2002 – REVISED SEPTEMBER 2004
CARDBUS POWER-INTERFACE SWITCHES
FOR SERIAL PCMCIA CONTROLLERS
•
Notebook and Desktop Computers
•
Single-Slot Switch: TPS2220A
Dual-Slot Switches: TPS2223A, TPS2224A,
•
Bar Code Scanners
TPS2226A
•
Digital Cameras
•
Fast Current Limit Response Time
•
Set-Top Boxes
•
PDAs
•
Fully Integrated VCC and VPP Switching for
3.3 V, 5 V, and 12 V (no 12 V on TPS2223A)
•
Meets Current PC Card™ Standards
•
Vpp Output Selection Independent of VCC
•
12-V and 5-V Supplies Can Be Disabled
•
TTL-Logic Compatible Inputs
•
Short-Circuit and Thermal Protection
•
24-Pin HTSSOP, 24- or 30-Pin SSOP
•
140-µA (Typical) Quiescent Current from
3.3-V Input
•
Break-Before-Make Switching
•
Power-On Reset
•
40
°C to 85°C Operating Ambient Temperature
Range
The TPS2223A, TPS2224A, and TPS2226A CardBus™ power-interface switches provide an integrated
power-management solution for two PC Card sockets. The TPS2220A is a single-slot option for this family of
devices. These devices allow the controlled distribution of 3.3 V, 5 V, and 12 V to each card slot. The
current-limiting and thermal-protection features eliminate the need for fuses. Current-limit reporting helps the user
isolate a system fault. The switch rDS(on) and current-limit values have been set for the peak and average current
requirements stated in the PC Card specification, and optimized for cost. A faster maximum current limit
response time is the only difference between the TPS2223A, TPS2224A, and TPS2226A and the TPS2223,
TPS2224, and TPS2226.
Like the TPS2214 and TPS2214A and the TPS2216 and TPS2216A, this family of devices supports independent
VPP/VCC switching; however, the standby and interface-mode pins are not supported. Shutdown mode is now
supported independently on SHDN as well as in the serial interface. Optimized for lower power implementation,
the TPS2223A does not support 12-V switching to VPP. See the available options table for pin-compatible device
information.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PC Card, CardBus are trademarks of PCMCIA (Personal Computer Memory Card International Association).
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2214

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
389Kb / 27P
DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI-TPS2214A Datasheet
380Kb / 27P
LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI-TPS2214A Datasheet
389Kb / 27P
DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI1-TPS2214A Datasheet
1Mb / 34P
DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Similar Description - TPS2214

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
Maxim Integrated Produc...
MAX1601 MAXIM-MAX1601 Datasheet
190Kb / 16P
Dual-Channel CardBus and PCMCIA Power Switches with SMBus??Serial Interface
19-1085; Rev 1; 10/96
logo
Texas Instruments
TPS2223 TI-TPS2223 Datasheet
389Kb / 27P
DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
List of Unclassifed Man...
G571 ETC-G571 Datasheet
151Kb / 11P
Single-Slot PCMCIA/CardBus Power Controllers
logo
Texas Instruments
TPS2220B TI-TPS2220B Datasheet
428Kb / 27P
POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
Global Mixed-mode Techn...
G576 GMT-G576 Datasheet
271Kb / 12P
Dual-Slot PCMCIA/CardBus Power Controllers
logo
Micrel Semiconductor
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
Dual Serial PCMCIA/CardBus Power Controller
logo
Texas Instruments
TPS2220A TI1-TPS2220A_13 Datasheet
1Mb / 31P
CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com