Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3055LFDB Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3055LFDB
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3055LFDB Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3055LFDB Datasheet HTML 1Page - Diodes Incorporated DMN3055LFDB Datasheet HTML 2Page - Diodes Incorporated DMN3055LFDB Datasheet HTML 3Page - Diodes Incorporated DMN3055LFDB Datasheet HTML 4Page - Diodes Incorporated DMN3055LFDB Datasheet HTML 5Page - Diodes Incorporated DMN3055LFDB Datasheet HTML 6Page - Diodes Incorporated DMN3055LFDB Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN3055LFDB
Document number: DS38172 Rev. 1- 2
2 of 7
www.diodes.com
April 2016
© Diodes Incorporated
DMN3055LFDB
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 6) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
5.0
4.0
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
1.5
A
Pulsed Drain Current (10
s Pulse, Duty Cycle = 1%)
IDM
25
A
Avalanche Current (Note 7) L = 0.1mH
IAS
11
A
Avalanche Energy (Note 7) L = 0.1mH
EAS
6
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
0.81
W
TA = +70°C
0.52
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RJA
132
°C/W
t<10s
101
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.36
W
TA = +70°C
0.87
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
83
°C/W
t<10s
60
Thermal Resistance, Junction to Case (Note 6)
RθJC
10
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
30
–
–
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current, TJ = +25°C
IDSS
–
–
1.0
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
–
–
±100
nA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
0.5
–
1.5
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
–
32
40
m
Ω
VGS = 4.5V, ID = 3A
–
52
75
VGS = 2.5V, ID = 2A
–
105
150
VGS = 2.0V, ID = 1A
Diode Forward Voltage
VSD
–
0.8
1.2
V
VGS = 0V, IS = 2A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
–
458
–
pF
VDS = 15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
–
50
–
pF
Reverse Transfer Capacitance
Crss
–
44
–
pF
Gate Resistance
Rg
–
2.1
–
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 10V)
Qg
–
11.2
–
nC
VDS = 15V, ID = 4A
Total Gate Charge (VGS = 4.5V)
Qg
–
5.3
–
nC
Gate-Source Charge
Qgs
–
1.1
–
nC
Gate-Drain Charge
Qgd
–
1.8
–
nC
Turn-On Delay Time
tD(ON)
–
1.8
–
ns
VDS = 15V, VGS = 10V,
Rg = 6
Ω, RL = 3.75Ω,
Turn-On Rise Time
tR
–
2.6
–
ns
Turn-Off Delay Time
tD(OFF)
–
9.5
–
ns
Turn-Off Fall Time
tF
–
2.1
–
ns
Reverse Recovery Time
tRR
–
7.0
–
ns
IF = 3A, di/dt = 100A/μs
Reverse Recovery Charge
QRR
–
1.8
–
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com