Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3055LFDB Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN3055LFDB
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3055LFDB Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN3055LFDB Datasheet HTML 1Page - Diodes Incorporated DMN3055LFDB Datasheet HTML 2Page - Diodes Incorporated DMN3055LFDB Datasheet HTML 3Page - Diodes Incorporated DMN3055LFDB Datasheet HTML 4Page - Diodes Incorporated DMN3055LFDB Datasheet HTML 5Page - Diodes Incorporated DMN3055LFDB Datasheet HTML 6Page - Diodes Incorporated DMN3055LFDB Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMN3055LFDB
Document number: DS38172 Rev. 1- 2
3 of 7
www.diodes.com
April 2016
© Diodes Incorporated
DMN3055LFDB
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0
1
2
3
4
5
VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS = 1.5V
V
GS = 2.0V
V
GS = 2.5V
V
GS = 10.0V
V
GS = 4.5V
V
GS=3.5V
V
GS = 3.0V
V
GS = 4.0V
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
1
3
5
7
9
ID, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current and
Gate Voltage
V
GS = 4.5V
V
GS = 2.5V
0
0.02
0.04
0.06
0.08
0.1
2
3
4
5
6
7
8
9
10
11
12
VGS, GATE-SOURCE VOLTAGE (V)
Figure 4 . Typical Transfer Characteristic
I
D = 3A
I
D = 2A
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
0.05
0.055
0.06
0.065
0.07
0
2
4
6
8
10
12
14
16
18
20
ID, DRAIN CURRENT (A)
Figure 5 . Typical On-Resistance vs. Drain Current and
Temperature
-55℃
25℃
85℃
150℃
125℃
V
GS = 4.5V
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Temperature
V
GS = 4.5V, ID = 3.0A
V
GS = 2.5V, ID = 2.0A
0
2
4
6
8
10
12
14
16
18
20
0
0.5
1
1.5
2
2.5
3
3.5
4
VGS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS = 5V
TJ = -55℃
TJ = 25℃
TJ = 85℃
TJ = 125℃
TJ = 150℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com