Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH3002LPS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMTH3002LPS
Description  30V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH3002LPS Datasheet(HTML) 1 Page - Diodes Incorporated

  DMTH3002LPS Datasheet HTML 1Page - Diodes Incorporated DMTH3002LPS Datasheet HTML 2Page - Diodes Incorporated DMTH3002LPS Datasheet HTML 3Page - Diodes Incorporated DMTH3002LPS Datasheet HTML 4Page - Diodes Incorporated DMTH3002LPS Datasheet HTML 5Page - Diodes Incorporated DMTH3002LPS Datasheet HTML 6Page - Diodes Incorporated DMTH3002LPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMTH3002LPS
Document number: DS38282 Rev. 3 - 2
1 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMTH3002LPS
30V +175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PowerDI
Product Summary
BVDSS
RDS(ON)
ID
TC = +25°C
30V
1.6
mΩ @ VGS = 10V
100A
Description
This new generation N-Channel Enhancement Mode MOSFET is
designed to minimize RDS(ON), yet maintain superior switching
performance. This device is ideal for use in power management and
load switch.
Applications
DC-DC Converters
Load Switch
Features
Thermally Efficient Package
– Cooler Running Applications
<1.1mm Package Profile
– Ideal for Thin Applications
High Conversion Efficiency
Low RDS(ON) – Minimizes On-State Losses
Low Input Capacitance
Fast Switching Speed
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: PowerDI
®
5060-8
Case Material:
Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram Below
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.097 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMTH3002LPS-13
PowerDI5060-8
2,500/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Bottom View
Top View
Pin Configuration
Top View
Internal Schematic
PowerDI5060-8
Pin1
Green
S
D
S
S
G
D
D
D
H3002LS
YY WW
= Manufacturer’s Marking
H3002LS = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 16 = 2016)
WW = Week (01 to 53)
e3
S
D
D
G
D
D
S
S
PowerDI is a registered trademark of Diodes Incorporated.


Similar Part No. - DMTH3002LPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH3002LPS DIODES-DMTH3002LPS Datasheet
458Kb / 7P
30V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMTH3002LPS-13 DIODES-DMTH3002LPS-13 Datasheet
458Kb / 7P
30V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMTH3002LPS DIODES-DMTH3002LPS_17 Datasheet
458Kb / 7P
30V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
More results

Similar Description - DMTH3002LPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH6012LK3 DIODES-DMNH6012LK3 Datasheet
615Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMNH6012LK3Q DIODES-DMNH6012LK3Q Datasheet
492Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMNH6022SSDQ DIODES-DMNH6022SSDQ Datasheet
321Kb / 7P
60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMNH6042SK3 DIODES-DMNH6042SK3 Datasheet
402Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMNH6042SK3Q DIODES-DMNH6042SK3Q Datasheet
356Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMNH6042SPD DIODES-DMNH6042SPD Datasheet
562Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMNH6042SPDQ DIODES-DMNH6042SPDQ Datasheet
637Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMNH6042SPS DIODES-DMNH6042SPS Datasheet
543Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
Rev 1
DMTH4004SK3Q DIODES-DMTH4004SK3Q Datasheet
581Kb / 7P
40V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMTH4011SPDQ DIODES-DMTH4011SPDQ Datasheet
405Kb / 7P
40V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com