Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH3002LPS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMTH3002LPS
Description  30V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH3002LPS Datasheet(HTML) 2 Page - Diodes Incorporated

  DMTH3002LPS Datasheet HTML 1Page - Diodes Incorporated DMTH3002LPS Datasheet HTML 2Page - Diodes Incorporated DMTH3002LPS Datasheet HTML 3Page - Diodes Incorporated DMTH3002LPS Datasheet HTML 4Page - Diodes Incorporated DMTH3002LPS Datasheet HTML 5Page - Diodes Incorporated DMTH3002LPS Datasheet HTML 6Page - Diodes Incorporated DMTH3002LPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMTH3002LPS
Document number: DS38282 Rev. 3 - 2
2 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMTH3002LPS
Maximum Ratings (@TC = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±16
V
Continuous Drain Current, VGS = 10V (Note 7)
Steady
State
TC = +25°C
TC = +100°C
ID
100
100
A
Maximum Continuous Body Diode Forward Current (Note 7)
IS
100
A
Pulsed Drain Current (380
μs Pulse, Duty Cycle = 1%)
IDM
150
A
Avalanche Current, L=3mH (Note 8)
IAS
15
A
Avalanche Energy, L=3mH (Note 8)
EAS
700
mJ
Thermal Characteristics (@TC = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
1.2
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
103
°C/W
Total Power Dissipation (Note 6)
TA = +25°C
PD
2.5
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
51
°C/W
Total Power Dissipation (Note 7)
TC = +25°C
PD
136
W
Thermal Resistance, Junction to Case (Note 7)
RθJC
1.1
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TC = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
30
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS = 24V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±16V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(TH)
1
2
V
VDS = VGS, ID = 1mA
Static Drain-Source On-Resistance
RDS(ON)
1.25
1.6
m
VGS = 10V, ID = 25A
2
2.5
VGS = 4.5V, ID = 25A
Diode Forward Voltage
VSD
0.8
1.1
V
VGS = 0V, IS = 25A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
CISS
5,000
pF
VDS = 15V, VGS = 0V,
f = 1MHz
Output Capacitance
COSS
2,660
Reverse Transfer Capacitance
CRSS
300
Gate Resistance
RG
0.75
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
QG
37
nC
VDS = 15V, ID = 25A
Total Gate Charge (VGS = 10V)
QG
77
Gate-Source Charge
QGS
10
Gate-Drain Charge
QGD
14
Turn-On Delay Time
tD(ON)
21
ns
VDD = 15V, VGS = 4.5V,
ID = 25A, RG = 4.7Ω
Turn-On Rise Time
tR
45
Turn-Off Delay Time
tD(OFF)
32
Turn-Off Fall Time
tF
26
Body Diode Reverse Recovery Time
tRR
44
ns
IS = 15A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR
52
nC
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1-inch square copper plate.
7. Thermal resistance from junction to soldering point (on the exposed drain pad).
8. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.
9. Short duration pulse test used to minimize self-heating effect.
10. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com