Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2805 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM2805
Description  3-MODES/ 3W WLED DRIVER WITH 1 OR 2 CELL BATTERY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2805 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM2805 Datasheet HTML 1Page - Diodes Incorporated PAM2805 Datasheet HTML 2Page - Diodes Incorporated PAM2805 Datasheet HTML 3Page - Diodes Incorporated PAM2805 Datasheet HTML 4Page - Diodes Incorporated PAM2805 Datasheet HTML 5Page - Diodes Incorporated PAM2805 Datasheet HTML 6Page - Diodes Incorporated PAM2805 Datasheet HTML 7Page - Diodes Incorporated PAM2805 Datasheet HTML 8Page - Diodes Incorporated PAM2805 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PAM2805
Document number: DSxxxxx Rev. 1 - 0
2 of 9
www.diodes.com
July 2013
© Diodes Incorporated
PAM2805
A Product Line of
Diodes Incorporated
Pin Description
Pin
Number
Pin
Name
Function
1
VIN
Input Voltage
2
GND
Power Ground
3
BLK
Connect A 1µF CAP for blinking
4
FB
Feedback
5
VOUT
Output Voltage
6
SW
Connected to an internal NMOS switch
Block Diagram
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability. All voltages are with respect to ground.
Parameter
Rating
Unit
Supply Voltage
6
V
Output Voltage
6
Storage Temperature Range
-65 to +150
°C
Lead Temperature (Soldering, 5 sec)
300
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Operation Temperature Range
-40 to +85
°C
Junction Temperature Range
-40 to +125



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com