Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2805 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM2805
Description  3-MODES/ 3W WLED DRIVER WITH 1 OR 2 CELL BATTERY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2805 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM2805 Datasheet HTML 1Page - Diodes Incorporated PAM2805 Datasheet HTML 2Page - Diodes Incorporated PAM2805 Datasheet HTML 3Page - Diodes Incorporated PAM2805 Datasheet HTML 4Page - Diodes Incorporated PAM2805 Datasheet HTML 5Page - Diodes Incorporated PAM2805 Datasheet HTML 6Page - Diodes Incorporated PAM2805 Datasheet HTML 7Page - Diodes Incorporated PAM2805 Datasheet HTML 8Page - Diodes Incorporated PAM2805 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PAM2805
Document number: DSxxxxx Rev. 1 - 0
1 of 9
www.diodes.com
July 2013
© Diodes Incorporated
PAM2805
A Product Line of
Diodes Incorporated
3-MODES/ 3W WLED DRIVER WITH 1 OR 2 CELL BATTERY
Description
The PAM2805 is a step-up DC-DC WLED driver with 3 modes cycling
function (100% brightness,25% brightness and 8.5Hz blinking).
The unique 3 modes cycling function can eliminate the needs of extra
functional MCU or IC.
The PAM2805 can deliver up to 750mA output current by setting an
external resistor.
The PAM2805 switches at a 1.0MHz constant frequency, allowing for
the use of small value external inductor and ceramic capacitors.
A low 95mV feedback voltage reduces the power loss in the RS for
better efficiency. With its internal 2A, 100m
Ω device can provide high
efficiency even at heavy load.
The PAM2805 is available in TSOT26 package.
Features
3 Modes Cycling Function:
Bright
Dimming
Blinking
Power Off
<5S
Power Off
<5S
Power Off
<5S
Reset to Bright Mode if Power Off time More Than 5S
Adjustable Output Current: Up to 750mA
8.5Hz Blinking Mode
Low Start-Up Voltage: 0.9V(typ)
Low SW on Resistance: 100m
Ω
Over Temperature Protection
Over Voltage Protection
TSOT26 Package
Pb-Free Package
Pin Assignments
Applications
White LED Torch (Flashlight)
Typical Applications Circuit
ILED + 95mV/RS
Top View
TSOT26


Similar Part No. - PAM2805

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2805 PAM-PAM2805 Datasheet
382Kb / 9P
3-Modes/3W WLED Driver with 1 or 2 Cell Battery
More results

Similar Description - PAM2805

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9731 VISHAY-SI9731 Datasheet
135Kb / 10P
UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
22-May-06
logo
Maxim Integrated Produc...
DS2781 MAXIM-DS2781 Datasheet
330Kb / 30P
1-Cell or 2-Cell Standalone Fuel Gauge IC
REV: 010906
logo
Seiko Instruments Inc
S-8253A SII-S-8253A Datasheet
596Kb / 32P
BATTERY PROTECTION IC FOR 2-SERIAL OR 3-SERIAL-CELL PACK
logo
Vishay Siliconix
SI9731 VISHAY-SI9731_09 Datasheet
148Kb / 11P
uP Controlled Battery Charger for 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
26-Oct-09
logo
Power Analog Micoelectr...
PAM2805 PAM-PAM2805 Datasheet
382Kb / 9P
3-Modes/3W WLED Driver with 1 or 2 Cell Battery
logo
Monolithic Power System...
MP26101 MPS-MP26101 Datasheet
474Kb / 16P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
logo
Seiko Instruments Inc
S8253C SII-S8253C Datasheet
470Kb / 33P
BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
logo
ABLIC Inc.
S-8253C ABLIC-S-8253C Datasheet
405Kb / 33P
BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
logo
Maxim Integrated Produc...
MAX17043 MAXIM-MAX17043_V01 Datasheet
859Kb / 14P
1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
logo
Monolithic Power System...
MP2615C MPS-MP2615C Datasheet
1Mb / 22P
2.1A, 1-Cell or 2-Cell Li-Ion Battery Charger in (3mmx3mm) Package
Rev. 1.1 6/15/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com