Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3749/24 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3749/24
Description  3M™ Round Conductor Flat Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3749/24 Datasheet(HTML) 2 Page - 3M Electronics

  3749/24 Datasheet HTML 1Page - 3M Electronics 3749/24 Datasheet HTML 2Page - 3M Electronics 3749/24 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M™ Round Conductor Flat Cable
.025" 30AWG Solid, TPE
3749 Series
3
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
TS-0068-F
Sheet 2 of 3
Ordering Information
3749 / XX XX
Inch
[mm]
Tolerance Unless Noted
.0
.00
.000
Inch
±.1
±.05 ±.010
[ ] Dimensions for Reference Only
Note: Available in standard 100 ft or 300 ft rolls, please
specify when ordering. Contact 3M for availability of
additional conductor counts and/or custom roll lengths.
Note: Blue marking on one edge of cable designates wire #1.
Number of Conductors
(See Table)
Blank = Standard
SF = Splice Free
Number of
Conductors
3M Part
Number
Dimension A
Dimension B
10
3749/10
0.250 +/- .006 [6.35]
0.225 +/- .004 [5.72]
12
3749/12
0.300 ± .006 [7.62]
0.275 ± .004 [6.99]
14
3749/14
0.350 ± .006 [8.89]
0.325 ± .004 [8.26]
16
3749/16
0.400 +/- .006 [10.16]
0.375 +/- .004 [9.53]
20
3749/20
0.500 ± .006 [12.70]
0.475 ± .004 [12.07]
24
3749/24
0.600 +/- .006 [15.24]
0.575 +/- .004 [14.61]
26
3749/26
0.650 ± .006 [16.51]
0.625 ± .004 [15.88]
30
3749/30
0.750 +/- .009 [19.05]
0.725 +/- .006 [18.42]
34
3749/34
0.850 ± .009 [21.59]
0.825 ± .006 [20.96]
36
3749/36
0.900 ± .009 [22.86]
0.875 ± .006 [22.23]
40
3749/40
1.000 ± .009 [25.40]
0.975 ± .006 [24.77]
50
3749/50
1.250 ± .009 [31.75]
1.225 ± .006 [31.12]
60
3749/60
1.500 ± .012 [38.10]
1.475 ± .009 [37.47]
68
3749/68
1.700 ± .012 [43.18]
1.675 ± .009 [42.55]
80
3749/80
2.000 ± .015 [50.80]
1.975 ± .011 [50.17]
100
3749/100
2.500 ± .015 [63.50]
2.475 ± .012 [62.87]
A
B
.025 ± .003
[0.64]
TPE Insulation
.013 ± .005
[0.33]
.025 ± .002 Typ
[0.64]
30 AWG [0.254] Tinned
Solid Copper Conductors



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com