Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3749/24 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3749/24
Description  3M™ Round Conductor Flat Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3749/24 Datasheet(HTML) 1 Page - 3M Electronics

  3749/24 Datasheet HTML 1Page - 3M Electronics 3749/24 Datasheet HTML 2Page - 3M Electronics 3749/24 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Round Conductor Flat Cable
.025" 30AWG Solid, TPE
3749 Series
• Close spacing permits higher signal density
• TPE insulation provides excellent transmission
properties
• 30AWG solid conductors on .025 inch spacing
allows for mass termination
• Zippable for branching or discrete termination
• Meets SCSI-3 Fast-20 characteristic impedance
requirements
• See the Regulatory InformationAppendix (RIA) in
the “RoHS compliance” section of
www.3Mconnectors.com for compliance information
(RIAE1 & C1 apply)
Date Modified: November 1, 2013
TS-0068-F
Sheet 1 of 3
Physical
Insulation:
Material: Thermoplastic Elastomer (TPE)
Color: Gray
Marking:
Standard: None
Canadian Option:
AWM 20297 105C 150V HB 3M NU
C
AWM IA105C 150V FT2 EU <50V
Conductors: 30AWG [ Ø 0.254 ]Tinned Solid Copper
Electrical
Voltage Rating: USA: 150V
Canada: 150V
Insulation Resistance: (Primary Cable) > 1 × 1010 Ω/10 ft. [ 3 m ]
Characteristic Impedance:
Unbalanced
90 Ω
Capacitance: 16.5 pF/ft [ 54.1 pF/m ]
Inductance: 0.13 μH/ft [ 0.43 μH/m ]
Propagation Delay: 1.48 ns/ft [ 4.86 ns/m ]
Velocity of Propagation: 69%
Note: Unbalanced is measured between ground-signal-ground conductors.
Environmental
Temperature Rating: -40°C to +105°C
Flammability Rating: USA: ULHorizontal Canada: FT2
ULFile No.: E42769, Style No: 20297


Similar Part No. - 3749/24

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3749/20 3M-3749/20 Datasheet
27Kb / 2P
025 Round Conductor Flat Cable
19-Feb-1999
3749/26 3M-3749/26 Datasheet
27Kb / 2P
025 Round Conductor Flat Cable
19-Feb-1999
More results

Similar Description - 3749/24

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3754 3M-3754 Datasheet
661Kb / 3P
Round Conductor Flat Cable
29-Mar-2005
3365 3M-3365 Datasheet
1Mb / 5P
3M Round Conductor Flat Cable .050 28 AWG Stranded, PVC
07-May-2009
HF625 3M-HF625 Datasheet
917Kb / 3P
3M™ Round Conductor Flat Cable
03-Dec-2010
79100-075-4F1 3M-79100-075-4F1 Datasheet
821Kb / 3P
3M™ Round Conductor Flat Cable for Link Connector
22-Jul-2010
3625 3M-3625 Datasheet
830Kb / 6P
3M™ Round Conductor Flat Cable
13-May-2009
3609 3M-3609 Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
12-May-2009
HF75930SF 3M-HF75930SF Datasheet
268Kb / 3P
3M Round, Jacketed, Flat Cable
07-Jun-2013
M3KKK-3006J 3M-M3KKK-3006J Datasheet
1Mb / 5P
3M Round Conductor Flat Cable
07-May-2009
3365-SERIES 3M-3365-SERIES Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
07-May-2009
3609 3M-3609_V01 Datasheet
848Kb / 3P
3M™ Round Conductor Flat Cable .025 30 AWG Stranded, FEP
October 31, 2013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com