Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS62050DGS Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62050DGS
Description  800-mA SYNCHRONOUS STEP-DOWN CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62050DGS Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62050DGS Datasheet HTML 2Page - Texas Instruments TPS62050DGS Datasheet HTML 3Page - Texas Instruments TPS62050DGS Datasheet HTML 4Page - Texas Instruments TPS62050DGS Datasheet HTML 5Page - Texas Instruments TPS62050DGS Datasheet HTML 6Page - Texas Instruments TPS62050DGS Datasheet HTML 7Page - Texas Instruments TPS62050DGS Datasheet HTML 8Page - Texas Instruments TPS62050DGS Datasheet HTML 9Page - Texas Instruments TPS62050DGS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.ti.com
Undervoltage
Lockout
Bias Supply
_
+
+
–
REF
Current Limit Comparator
+
–
REF
I(AVG) Comparator
P-Channel
Power MOSFET
N-Channel
Power MOSFET
Driver
Shoot-Through
Logic
+
–
Load Comparator
Control
Logic
+
–
1.21 V
Soft Start
850 kHz
Oscillator
+
–
S
R
Comparator High
Comparator Low
Comparator High2
+
–
Compensation
R2
See Note
R1
VREF = 0.5 V
Comparator Low
Comparator Low2
Comparator High
Saw Tooth
Generator
V
I
V(COMP)
Comparator
SW
PG
LBO
GND
PGND
LBI
FB
VI
EN
SKIP Comparator
Error Amp
SYNC
TPS62050, TPS62051
TPS62052, TPS62054, TPS62056
SLVS432D – SEPTEMBER 2002 – REVISED OCTOBER 2003
FUNCTIONAL BLOCK DIAGRAM
NOTE: For the adjustable versions (TPS62050, TPS62051), the internal feedback driver is disabled and the FB pin is
directly connected to the GM amplifier.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com