Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS62050DGS Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62050DGS
Description  800-mA SYNCHRONOUS STEP-DOWN CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62050DGS Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62050DGS Datasheet HTML 9Page - Texas Instruments TPS62050DGS Datasheet HTML 10Page - Texas Instruments TPS62050DGS Datasheet HTML 11Page - Texas Instruments TPS62050DGS Datasheet HTML 12Page - Texas Instruments TPS62050DGS Datasheet HTML 13Page - Texas Instruments TPS62050DGS Datasheet HTML 14Page - Texas Instruments TPS62050DGS Datasheet HTML 15Page - Texas Instruments TPS62050DGS Datasheet HTML 16Page - Texas Instruments TPS62050DGS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
www.ti.com
TPS62050, TPS62051
TPS62052, TPS62054, TPS62056
SLVS432D – SEPTEMBER 2002 – REVISED OCTOBER 2003
APPLICATION INFORMATION (continued)
Undervoltage Lockout
The undervoltage lockout circuit prevents the device from misoperation at low input voltages. It prevents the
converter from turning on the switch or rectifier MOSFET under undefined conditions.
Synchronization
If no clock signal is applied, the converter operates with a typical switching frequency of 850 kHz. It is possible to
synchronize the converter to an external clock within a frequency range from 600 kHz to 1200 kHz. The device
automatically detects the rising edge of the first clock and synchronizes to the external clock. If the clock signal is
stopped, the converter automatically switches back to the internal clock and continues operation. The switchover
is initiated if no rising edge on the SYNC pin is detected for a duration of four clock cycles. Therefore, the
maximum delay time can be 8.3 µs if the internal clock has its minimum frequency of 600 kHz. During this time,
there is no clock signal available. The device stops switching until the internal circuitry is switched to the internal
clock source.
When the device is switched between internal synchronization and external synchronization during operation, the
output voltage may show transient over/undershoot during switchover. The voltage transients are minimized by
using 850 kHz as an initial external frequency, and changing the frequency slowly (>1 ms) to the value desired.
The voltage drop at the output when the device is switched from external synchronization to internal
synchronization can be reduced by increasing the output capacitor value.
If the device is synchronized to an external clock, the power-save mode is disabled and the device stays in
forced PWM mode.
Connecting the SYNC pin to the GND pin enables the power-save mode. The converter operates in the PWM
mode at moderate to heavy loads and in the PFM mode during light loads maintaining high efficiency over a wide
load current range.
Power Good Comparator
The power good (PG) comparator has an open drain output capable of sinking typically 1 mA. The PG function is
only active when the device is enabled (EN = high). When the device is disabled (EN = low), the PG pin is pulled
to GND.
The PG output is only valid after a 250 µs delay after the device is enabled and the supply voltage is greater
than 2.7 V. Power good is low during the first 250 µs after shutdown and in shutdown.
The PG pin becomes active high when the output voltage exceeds typically 98.5% of its nominal value. Leave
the PG pin unconnected, or connect to GND when not used.
Low-Battery Detector (Standard Version)
The low-battery output (LBO) is an open drain type which goes low when the voltage at the low battery input
(LBI) falls below the trip point of 1.21 V
±1.5%. The voltage at which the low-battery warning is issued is adjusted
with a resistive divider as shown in Figure 20. The sum of the resistors R1 and R2 is recommended to be in the
100-k
Ω to 1-MΩ range for high efficiency at low output current. An external pullup resistor at LBO can either be
connected to OUT, or any other voltage rail in the voltage range of 0 V to 6 V. During start-up, the LBO output
signal is invalid for the first 500 µs. LBO is high impedance when the device is disabled. If the low-battery
comparator function is not used, connect LBI to ground. The low-battery detector is disabled when the device is
disabled. Leave the LBO pin unconnected, or connect to GND when not used.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com