Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2003IPWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2003IPWR
Description  I2C TOUCH SCREEN CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2003IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSC2003IPWR Datasheet HTML 3Page - Texas Instruments TSC2003IPWR Datasheet HTML 4Page - Texas Instruments TSC2003IPWR Datasheet HTML 5Page - Texas Instruments TSC2003IPWR Datasheet HTML 6Page - Texas Instruments TSC2003IPWR Datasheet HTML 7Page - Texas Instruments TSC2003IPWR Datasheet HTML 8Page - Texas Instruments TSC2003IPWR Datasheet HTML 9Page - Texas Instruments TSC2003IPWR Datasheet HTML 10Page - Texas Instruments TSC2003IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TSC2003
7
SBAS162D
www.ti.com
TYPICAL CHARACTERISTICS: +2.7V (Cont.)
At TA = +25°C, +VDD = +2.7V, VREF = External +2.5V, I2C bus frequency = 3.4MHz, PD1 = PD0 =0, unless otherwise noted.
CHANGE IN OFFSET vs TEMPERATURE
20
–40
100
–20
0
40
Temperature (
°C)
6.0
5.0
4.0
3.0
2.0
1.0
0.0
–1.0
–2.0
–3.0
–4.0
–5.0
–6.0
60
80
EXTERNAL REFERENCE CURRENT
vs TEMPERATURE
20
–40
100
–20
0
40
Temperature (
°C)
10
9
8
7
6
5
4
3
2
1
0
60
80
High-Speed Mode = 3.4MHz
Fast Mode = 400kHz
Standard Mode = 100kHz
SWITCH-ON RESISTANCE vs V
DD
(X+, Y+: +V
DD to Pin; X–, Y–: Pin to GND)
4
2.5
5.5
3
X+
X–
Y–
4.5
V
DD (V)
9
8
7
6
5
4
3
2
1
0
5
3.5
Y+
SWITCH-ON RESISTANCE vs TEMPERATURE
(X+, Y+: +V
DD to Pin; X–, Y–: Pin to GND)
–40
100
–20
X+
X–
Y–
40
Temperature (
°C)
9
8
7
6
5
4
3
2
1
0
60
80
020
Y+
2.55
2.54
2.53
2.52
2.51
2.50
2.49
2.48
2.47
2.46
2.45
Temperature (
°C)
INTERNAL V
REF vs TEMPERATURE
INTERNAL V
REF vs VDD
4
2.5
5.5
34.5
V
DD (V)
2.55
2.54
2.53
2.52
2.51
2.50
2.49
2.48
2.47
2.46
2.45
5
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com