Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2003IPWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2003IPWR
Description  I2C TOUCH SCREEN CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2003IPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSC2003IPWR Datasheet HTML 7Page - Texas Instruments TSC2003IPWR Datasheet HTML 8Page - Texas Instruments TSC2003IPWR Datasheet HTML 9Page - Texas Instruments TSC2003IPWR Datasheet HTML 10Page - Texas Instruments TSC2003IPWR Datasheet HTML 11Page - Texas Instruments TSC2003IPWR Datasheet HTML 12Page - Texas Instruments TSC2003IPWR Datasheet HTML 13Page - Texas Instruments TSC2003IPWR Datasheet HTML 14Page - Texas Instruments TSC2003IPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TSC2003
11
SBAS162D
www.ti.com
REFERENCE MODE
There is a critical item regarding the reference when making
measurements while the switch drivers are ON. For this
discussion, it is useful to consider the basic operation of the
TSC2003 (see Figure 1). This particular application shows
the device being used to digitize a resistive touch screen. A
measurement of the current Y position of the pointing device
is made by connecting the X+ input to the A/D converter,
turning on the Y+ and Y– drivers, and digitizing the voltage
on X+, as shown in Figure 4. For this measurement, the
resistance in the X+ lead does not affect the conversion; it
does, however, affect the settling time, but the resistance is
usually small enough that this is not a concern. However,
since the resistance between Y+ and Y– is fairly low, the
on-resistance of the Y drivers does make a small difference.
Under the situation outlined so far, it would not be possible
to achieve a 0V input or a full-scale input regardless of where
the pointing device is on the touch screen because some
voltage is lost across the internal switches. In addition, the
internal switch resistance is unlikely to track the resistance of
the touch screen, providing an additional source of error.
This situation is remedied, as shown in Figure 5, by using the
differential mode: the +REF and –REF inputs are connected
directly to Y+ and Y–, respectively. This makes the A/D
converter ratiometric. The result of the conversion is always a
percentage of the external reference, regardless of how it
changes in relation to the on-resistance of the internal switches.
REFERENCE INPUT
The voltage difference between +REF and –REF (see
Figure 2) sets the analog input range. The TSC2003 will
operate with a reference in the range of 2V to +VDD. There are
several critical items concerning the reference input and its
wide-voltage range. As the reference voltage is reduced, the
analog voltage weight of each digital output code is also
reduced. This is often referred to as the LSB (Least Significant
Bit) size, and is equal to the reference voltage divided by 4096
(256 if in 8-bit mode). Any Offset or Gain error inherent in the
A/D converter will appear to increase, in terms of LSB size, as
the reference voltage is reduced. For example, if the offset of
a given converter is 2LSBs with a 2.5V reference, it will
typically be 2.5LSBs with a 2V reference. In each case, the
actual offset of the device is the same, 1.22mV. With a lower
reference voltage, more care must be taken to provide a clean
layout including adequate bypassing, a clean (low-noise, low-
ripple) power supply, a low-noise reference (if an external
reference is used), and a low-noise input signal.
The voltage into the VREF input is not buffered, and directly
drives the Capacitor Digital-to-Analog Converter (CDAC)
portion of the TSC2003. Therefore, the input current is very
low, typically < 6
µA.
FIGURE 4. Simplified Diagram of Single-Ended Reference.
FIGURE 5. Simplified Diagram of Differential Reference (Y
Switches Enabled, X+ is Analog Input).
Converter
+IN
+REF
Y+
+V
DD
X+
Y–
GND
–REF
–IN
Converter
+IN
+REF
Y+
+V
DD
V
REF
X+
Y–
GND
–REF
–IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com