Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS13SL9 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BGS13SL9
Description  Wideband RF SP3T Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGS13SL9 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BGS13SL9 Datasheet HTML 5Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 6Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 7Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 8Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 9Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 10Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 11Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 12Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
BGS13SL9
3 Maximum Ratings
Table 3: Maximum Ratings at TA = 25
◦C, unless otherwise specified
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply Voltage
VDD
-0.5
–
5.5
V
–
Maximum DC-Voltage on Other Pins
VDC
-0.3
–
3.6
V
–
Storage Temperature Range
TSTG
-55
–
150
◦C
–
RF Input Power
PRF_TRx
–
–
32
dBm
–
Junction Temperature
Tj
–
–
125
◦C
–
ESD Capability
Human Body Model 1)
VESD_HBM
−1
–
+1
kV
–
ESD Capability RFin Port 2)
VESD_RFin
−8
–
+8
kV
RFin versus GND, with
27 nH shunt inductor
1) Human Body Model ANSI/ESDA/JEDEC JS-001-2012 (R = 1.5 kΩ, C = 100 pF).
2) IEC 61000-4-2 (R = 330 Ω, C = 150 pF), contact discharge.
Attention:
Stresses above the max. values listed here may cause permanent damage to the device. Exposure to ab-
solute maximum rating conditions for extended periods may affect device reliability. Maximum ratings are
absolute ratings; exceeding only one of these values may cause irreversible damage to the integrated circuit.
4 Operation Ranges
Table 4: Operation Ranges
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Ambient Temperature
TA
-40
25
85
◦C
–
RF Frequency
f
0.1
–
3
GHz
–
Supply Voltage
VDD
2.3
–
3.6
V
–
Control Voltage Low
VCtrl_L
-0.3
–
0.3
V
–
Control Voltage High
VCtrl_H
1.5
–
VDD
V
VDD < 3.3 V
Table 5: RF Input Power
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
RF Input Power (50Ω)
PIn
–
–
30
dBm
–
Data Sheet
9
Revision 2.4, 2014-5-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com