Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS13SL9 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # BGS13SL9
Description  Wideband RF SP3T Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGS13SL9 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button BGS13SL9 Datasheet HTML 6Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 7Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 8Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 9Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 10Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 11Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 12Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 13Page - Infineon Technologies AG BGS13SL9 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
BGS13SL9
6 Pin Description and Package Outline
Table 7: Mechanical Data
Parameter
Symbol
Value
Unit
X-Dimension
X
1.15 ± 0.05
mm
Y-Dimension
Y
1.15 ± 0.05
mm
Size
Size
1.3225
mm2
Height
H
0.31 +0.01/−0.02
mm
Table 8: Pin Description
Pin No.
Name
Pin
Type
Buffer
Type
Function
1
V1
I
Control Pin 1
2
RF3
I/O
RF-Port 3
3
RF1
I/O
RF-Port 1
4
RFin
I/O
RF Input
5
RF2
I/O
RF-Port 2
6
DGND
GND
Digital Ground
7
VDD
PWR
Power Supply
8
V2
I
Control Pin 2
9
GND
GND
Ground
TSLP-9-3-PO V01
0.05 MAX.
+0.01
0.31-0.02
Pin 1 marking
1) Dimension applies to plated terminals
Bottom view
Top view
1.15 ±0.05
0.2 ±0.0351)
3
4
5
6
2
1
8
9
7
0.4
2 x 0.4 = 0.8
Figure 2: Package Outline
Data Sheet
12
Revision 2.4, 2014-5-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com