Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS20LP Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPIS20LP
Description  NPIS Shielded Power Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS20LP Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPIS20LP Datasheet HTML 1Page - NIC-Components Corp. NPIS20LP Datasheet HTML 2Page - NIC-Components Corp. NPIS20LP Datasheet HTML 3Page - NIC-Components Corp. NPIS20LP Datasheet HTML 4Page - NIC-Components Corp. NPIS20LP Datasheet HTML 5Page - NIC-Components Corp. NPIS20LP Datasheet HTML 6Page - NIC-Components Corp. NPIS20LP Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
Specifications are subject to change
NPIS__LP Series
NPIS Shielded Power Inductors
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
NPIS20LP Size
NPIS21LP Size
Series
Standard Values - Case Size 20 (2.5×2.0×1.0mm)
Inductance
(μH)
Test
Conditions
DCR
(Ω)
Isat (Amps)
Irms (Amps)
SRF (MHz)
Max.
Typ.
Max.
Max.
Min.
NPIS20LPR24MTRF
0.24 ± 20%
1MHz, 1V
0.034
0.028
3.6
2.75
360
NPIS20LPR33MTRF
0.33 ± 20%
0.043
0.036
3.8
2.4
270
NPIS20LPR47MTRF
0.47 ± 20%
0.044
0.037
2.4
2.4
170
NPIS20LPR68MTRF
0.68 ± 20%
0.061
0.051
2.75
2.1
110
NPIS20LP1R0MTRF
1.0 ± 20%
0.08
0.067
2.05
1.8
84
NPIS20LP1R5MTRF
1.5 ± 20%
0.108
0.09
1.7
1.55
60
NPIS20LP2R2MTRF
2.2 ± 20%
0.137
0.114
1.55
1.4
56
NPIS20LP3R3MTRF
3.3 ± 20%
0.228
0.17
1.1
1.1
39
NPIS20LP4R7MTRF
4.7 ± 20%
0.323
0.269
1.0
0.91
28
NPIS20LP6R8MTRF
6.8 ± 20%
0.451
0.376
0.82
0.76
25
NPIS20LP100MTRF
10 ± 20%
0.584
0.487
0.65
0.67
20
NPIS20LP150MTRF
15 ± 20%
0.954
0.795
0.55
0.50
19
NPIS20LP220MTRF
22 ± 20%
1.548
1.29
0.45
0.40
15
Series
Standard Values - Case Size 21 (2.5×2.0×1.2mm)
Inductance
(μH)
Test
Conditions
DCR
(Ω)
Isat (Amps)
Irms (Amps)
SRF (MHz)
Max.
Typ.
Max.
Max.
Min.
NPIS21LPR16MTRF
0.16 ± 20%
1MHz, 1V
0.022
0.018
6.5
4.05
380
NPIS21LPR24MTRF
0.24 ± 20%
0.022
0.018
4.0
4.05
260
NPIS21LPR33MTRF
0.33 ± 20%
0.029
0.024
4.0
3.35
230
NPIS21LPR47MTRF
0.47 ± 20%
0.036
0.03
3.7
3.0
170
NPIS21LPR68MTRF
0.68 ± 20%
0.061
0.051
3.0
2.1
150
NPIS21LP1R0MTRF
1.0 ± 20%
0.044
0.037
1.7
2.2
85
NPIS21LP1R2MTRF
1.2 ± 20%
0.078
0.065
2.2
1.95
75
NPIS21LP1R5MTRF
1.5 ± 20%
0.078
0.065
2.0
1.95
75
NPIS21LP2R2MTRF
2.2 ± 20%
0.096
0.08
1.8
1.8
55
NPIS21LP3R3MTRF
3.3 ± 20%
0.144
0.12
1.15
1.4
43
NPIS21LP4R7MTRF
4.7 ± 20%
0.21
0.175
1.1
1.12
36
NPIS21LP6R8MTRF
6.8 ± 20%
0.36
0.3
0.80
0.95
25
NPIS21LP100MTRF
10 ± 20%
0.522
0.435
0.70
0.79
21
NPIS21LP150MTRF
15 ± 20%
1.0
0.83
0.65
0.57
18
NPIS21LP180MTRF
18 ± 20%
1.0
0.83
0.65
0.63
14
NPIS21LP220MTRF
22 ± 20%
1.09
0.91
0.45
0.55
11



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com