Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS20LP Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NPIS20LP
Description  NPIS Shielded Power Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS20LP Datasheet(HTML) 6 Page - NIC-Components Corp.

  NPIS20LP Datasheet HTML 1Page - NIC-Components Corp. NPIS20LP Datasheet HTML 2Page - NIC-Components Corp. NPIS20LP Datasheet HTML 3Page - NIC-Components Corp. NPIS20LP Datasheet HTML 4Page - NIC-Components Corp. NPIS20LP Datasheet HTML 5Page - NIC-Components Corp. NPIS20LP Datasheet HTML 6Page - NIC-Components Corp. NPIS20LP Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
Specifications are subject to change
NPIS__LP Series
NPIS Shielded Power Inductors
NPIS83LP Size
Series
Standard Values - Case Size 83 (8.0×8.0×3.0mm)
Inductance (μH)
Test Conditions
DCR
(Ω)
Isat (Amps)
Irms (Amps)
SRF (MHz)
± 20%
Max.
Max.
Min.
NPIS83LP1R0YTRF
1.0 ± 30%
100KHz, 1V
0.009
7.80
6.20
90
NPIS83LP1R5YTRF
1.5 ± 30%
0.012
6.20
5.30
70
NPIS83LP2R2MTRF
2.2 ± 20%
0.015
4.90
4.80
60
NPIS83LP3R3MTRF
3.3 ± 20%
0.019
4.20
4.30
45
NPIS83LP4R7MTRF
4.7 ± 20%
0.022
3.60
4.00
35
NPIS83LP6R8MTRF
6.8 ± 20%
0.029
3.00
3.40
30
NPIS83LP100MTRF
10 ± 20%
0.033
2.40
3.00
25
NPIS83LP150MTRF
15 ± 20%
0.060
2.00
2.20
18
NPIS83LP220MTRF
22 ± 20%
0.070
1.75
1.90
15
NPIS83LP330MTRF
33 ± 20%
0.120
1.30
1.50
12
NPIS83LP470MTRF
47 ± 20%
0.170
1.10
1.30
11
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com