Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS21LS Datasheet(PDF) 8 Page - NIC-Components Corp.

Part # NPIS21LS
Description  NPIS Shielded Power Inductors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS21LS Datasheet(HTML) 8 Page - NIC-Components Corp.

Back Button NPIS21LS Datasheet HTML 4Page - NIC-Components Corp. NPIS21LS Datasheet HTML 5Page - NIC-Components Corp. NPIS21LS Datasheet HTML 6Page - NIC-Components Corp. NPIS21LS Datasheet HTML 7Page - NIC-Components Corp. NPIS21LS Datasheet HTML 8Page - NIC-Components Corp. NPIS21LS Datasheet HTML 9Page - NIC-Components Corp. NPIS21LS Datasheet HTML 10Page - NIC-Components Corp. NPIS21LS Datasheet HTML 11Page - NIC-Components Corp. NPIS21LS Datasheet HTML 12Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPIS__LS Series
NPIS Shielded Power Inductors
Series
Standard Values - Case Size 42 (4.0 x 4.0 x 2.0mm)
Inductance
(µH)
Tolerance
Test Conditions
DCR
(Ω) ±30%
Max. Isat
(Amps)
Max. Irms
(Amps)
SRF
(MHz)
NPIS42LS1R0YTRF
1.0
±30%
100KHz, 1V
0.029
4.85
2.15
75
NPIS42LS1R2YTRF
1.2
±30%
100KHz, 1V
0.029
5.1
2.15
72
NPIS42LS1R5YTRF
1.5
±30%
100KHz, 1V
0.035
4.45
1.98
71
NPIS42LS2R2YTRF
2.2
±30%
100KHz, 1V
0.04
3.4
1.85
49
NPIS42LS3R3MTRF
3.3
±20%
100KHz, 1V
0.07
3.2
1.4
44
NPIS42LS3R6MTRF
3.6
±20%
100KHz, 1V
0.055
2.8
1.54
49
NPIS42LS4R7MTRF
4.7
±20%
100KHz, 1V
0.075
2.35
1.34
42
NPIS42LS5R1MTRF
5.1
±20%
100KHz, 1V
0.085
2.3
1.27
42
NPIS42LS5R6MTRF
5.6
±20%
100KHz, 1V
0.09
2.2
1.22
30
NPIS42LS6R2MTRF
6.2
±20%
100KHz, 1V
0.115
2.15
1.08
36
NPIS42LS6R8MTRF
6.8
±20%
100KHz, 1V
0.125
2.2
1.04
33
NPIS42LS7R5MTRF
7.5
±20%
100KHz, 1V
0.115
1.85
1.08
30
NPIS42LS8R2MTRF
8.2
±20%
100KHz, 1V
0.125
1.75
1.04
27
NPIS42LS100MTRF
10
±20%
100KHz, 1V
0.165
1.6
0.9
26
NPIS42LS120MTRF
12
±20%
100KHz, 1V
0.175
1.5
0.88
26
NPIS42LS150MTRF
15
±20%
100KHz, 1V
0.23
1.35
0.77
24
NPIS42LS220MTRF
22
±20%
100KHz, 1V
0.35
1.05
0.62
15
NPIS42LS270MTRF
27
±20%
100KHz, 1V
0.545
1.02
0.5
14
NPIS42LS330MTRF
33
±20%
100KHz, 1V
0.55
0.85
0.49
11
NPIS42LS390MTRF
39
±20%
100KHz, 1V
0.65
0.82
0.46
11
NPIS42LS430MTRF
43
±20%
100KHz, 1V
0.66
0.77
0.45
10
NPIS42LS470MTRF
47
±20%
100KHz, 1V
0.71
0.74
0.44
10
NPIS42LS510MTRF
51
±20%
100KHz, 1V
0.75
0.7
0.42
10
NPIS42LS560MTRF
56
±20%
100KHz, 1V
0.8
0.66
0.41
10
NPIS42LS620MTRF
62
±20%
100KHz, 1V
0.9
0.65
0.39
9.6
NPIS42LS680MTRF
68
±20%
100KHz, 1V
1.06
0.61
0.36
7.7
NPIS42LS750MTRF
75
±20%
100KHz, 1V
1.12
0.6
0.35
7.7
NPIS42LS820MTRF
82
±20%
100KHz, 1V
1.17
0.56
0.34
7.2
NPIS42LS101MTRF
100
±20%
100KHz, 1V
1.35
0.52
0.31
6.3
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
NPIS42LS Size
Inductance vs. DC Current Characteristics
Temperature vs. DC Current Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com