Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS21LS Datasheet(PDF) 16 Page - NIC-Components Corp.

Part # NPIS21LS
Description  NPIS Shielded Power Inductors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS21LS Datasheet(HTML) 16 Page - NIC-Components Corp.

Back Button NPIS21LS Datasheet HTML 9Page - NIC-Components Corp. NPIS21LS Datasheet HTML 10Page - NIC-Components Corp. NPIS21LS Datasheet HTML 11Page - NIC-Components Corp. NPIS21LS Datasheet HTML 12Page - NIC-Components Corp. NPIS21LS Datasheet HTML 13Page - NIC-Components Corp. NPIS21LS Datasheet HTML 14Page - NIC-Components Corp. NPIS21LS Datasheet HTML 15Page - NIC-Components Corp. NPIS21LS Datasheet HTML 16Page - NIC-Components Corp. NPIS21LS Datasheet HTML 17Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
REFLOW SOLDERING PROFILE
Soldering 260°C max.
10 seconds max.
Cool Down
Pre-heat
120 sec. ±30 sec.
25
50
100
150
200
250
300
Time above 240°C
20 ~ 60 sec.
30
60
90 120 150 180 210 240 270 300
Time - Seconds
+190°C
Series
Standard Values - Case Size 84 (8.0 x 8.0 x 4.0mm)
Inductance
(µH)
Tolerance
Test Conditions
DCR
(Ω)
±30%
Max. Isat
(Amps)
Max. Irms
(Amps)
SRF
(MHz)
NPIS84LS150MTRF
15
±20%
100KHz, 1V
0.047
2.95
2.6
12
NPIS84LS180MTRF
18
±20%
100KHz, 1V
0.053
2.7
2.4
11
NPIS84LS220MTRF
22
±20%
100KHz, 1V
0.069
2.4
2.1
9.5
NPIS84LS270MTRF
27
±20%
100KHz, 1V
0.078
2.15
2
9.2
NPIS84LS330MTRF
33
±20%
100KHz, 1V
0.097
2.05
1.8
7.8
NPIS84LS360MTRF
36
±20%
100KHz, 1V
0.102
2
1.75
7.8
NPIS84LS390MTRF
39
±20%
100KHz, 1V
0.107
1.95
1.7
7.8
NPIS84LS430MTRF
43
±20%
100KHz, 1V
0.113
1.9
1.65
7.8
NPIS84LS470MTRF
47
±20%
100KHz, 1V
0.136
1.75
1.55
6.4
NPIS84LS510MTRF
51
±20%
100KHz, 1V
0.142
1.7
1.5
6.4
NPIS84LS560MTRF
56
±20%
100KHz, 1V
0.148
1.55
1.45
6.4
NPIS84LS620MTRF
62
±20%
100KHz, 1V
0.182
1.5
1.3
6.4
NPIS84LS680MTRF
68
±20%
100KHz, 1V
0.196
1.45
1.25
4.9
NPIS84LS750MTRF
75
±20%
100KHz, 1V
0.211
1.35
1.2
4.9
NPIS84LS820MTRF
82
±20%
100KHz, 1V
0.225
1.3
1.15
5.9
NPIS84LS910MTRF
91
±20%
100KHz, 1V
0.272
1.2
1.05
4.9
NPIS84LS101MTRF
100
±20%
100KHz, 1V
0.29
1.15
1
4.2
NPIS84LS121MTRF
120
±20%
100KHz, 1V
0.334
1.05
0.95
3.5
NPIS84LS151MTRF
150
±20%
100KHz, 1V
0.41
1.1
0.85
3.5
NPIS84LS221MTRF
220
±20%
100KHz, 1V
0.599
0.85
0.8
3.5
NPIS84LS331MTRF
330
±20%
100KHz, 1V
0.889
0.68
0.64
2.8
NPIS__LS Series
NPIS Shielded Power Inductors
NPIS84LS Size (Continued)
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
Inductance vs. DC Current Characteristics
Temperature vs. DC Current Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com