Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS32LP Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPIS32LP
Description  NPIS Shielded Power Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS32LP Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPIS32LP Datasheet HTML 1Page - NIC-Components Corp. NPIS32LP Datasheet HTML 2Page - NIC-Components Corp. NPIS32LP Datasheet HTML 3Page - NIC-Components Corp. NPIS32LP Datasheet HTML 4Page - NIC-Components Corp. NPIS32LP Datasheet HTML 5Page - NIC-Components Corp. NPIS32LP Datasheet HTML 6Page - NIC-Components Corp. NPIS32LP Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
Specifications are subject to change
NPIS__LP Series
NPIS Shielded Power Inductors
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
NPIS26LP Size
NPIS22LP Size
Series
Standard Values - Case Size 26 (2.0×1.6×1.0mm)
Inductance (μH)
Test Conditions
DCR
(Ω)
Isat (Amps)
Irms (Amps)
Max.
Typ.
Max.
Max.
NPIS26LPR16MTRF
0.16 ± 20%
1MHz, 1V
0.031
0.026
4.3
3.2
NPIS26LPR24MTRF
0.24 ± 20%
0.040
0.033
3.7
2.9
NPIS26LPR33MTRF
0.33 ± 20%
0.040
0.033
2.5
2.9
NPIS26LPR47MTRF
0.47 ± 20%
0.059
0.049
2.3
2.35
NPIS26LPR68MTRF
0.68 ± 20%
0.076
0.063
1.95
2.05
NPIS26LP1R0MTRF
1.0 ± 20%
0.114
0.095
1.65
1.45
NPIS26LP1R5MTRF
1.5 ± 20%
0.174
0.145
1.35
1.25
NPIS26LP2R2MTRF
2.2 ± 20%
0.264
0.22
1.20
1.10
NPIS26LP3R3MTRF
3.3 ± 20%
0.335
0.279
0.90
0.88
NPIS26LP4R7MTRF
4.7 ± 20%
0.479
0.399
0.70
0.74
NPIS26LP6R8MTRF
6.8 ± 20%
0.816
0.68
0.60
0.52
NPIS26LP100MTRF
10 ± 20%
1.02
0.85
0.50
0.45
Series
Standard Values - Case Size 22 (2.0×2.0×1.2mm)
Inductance (μH)
Test Conditions
DCR
(Ω)
Isat (Amps)
Irms (Amps)
Max.
Typ.
Max.
Max.
NPIS22LPR16MTRF
0.16 ± 20%
1MHz, 1V
0.031
0.026
5.2
2.5
NPIS22LPR24MTRF
0.24 ± 20%
0.042
0.035
4.7
2.2
NPIS22LPR33MTRF
0.33 ± 20%
0.042
0.035
3.5
2.2
NPIS22LPR47MTRF
0.47 ± 20%
0.05
0.042
3.55
2
NPIS22LPR68MTRF
0.68 ± 20%
0.06
0.05
2.95
1.8
NPIS22LP1R0MTRF
1 ± 20%
0.088
0.073
2.7
1.5
NPIS22LP1R5MTRF
1.5 ± 20%
0.112
0.093
2.0
1.3
NPIS22LP2R2MTRF
2.2 ± 20%
0.127
0.106
1.4
1.2
NPIS22LP3R3MTRF
3.3 ± 20%
0.276
0.23
1.2
0.85
NPIS22LP4R7MTRF
4.7 ± 20%
0.294
0.245
0.97
0.82
NPIS22LP6R8MTRF
6.8 ± 20%
0.479
0.399
0.82
0.64
NPIS22LP100MTRF
10 ± 20%
0.785
0.654
0.72
0.49
NPIS22LP150MTRF
15 ± 20%
1.368
1.14
0.55
0.38
NPIS22LP220MTRF
22 ± 20%
1.68
1.4
0.40
0.35
NPIS22LP330MTRF
33 ± 20%
2.16
1.8
0.35
0.30



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com