Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS32LP Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NPIS32LP
Description  NPIS Shielded Power Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS32LP Datasheet(HTML) 1 Page - NIC-Components Corp.

  NPIS32LP Datasheet HTML 1Page - NIC-Components Corp. NPIS32LP Datasheet HTML 2Page - NIC-Components Corp. NPIS32LP Datasheet HTML 3Page - NIC-Components Corp. NPIS32LP Datasheet HTML 4Page - NIC-Components Corp. NPIS32LP Datasheet HTML 5Page - NIC-Components Corp. NPIS32LP Datasheet HTML 6Page - NIC-Components Corp. NPIS32LP Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
Specifications are subject to change
NPIS__LP Series
NPIS Shielded Power Inductors
FEATURES
• SHIELDED POWER INDUCTOR
• HIGH CURRENT (UP TO 7.8 AMPS)
• 30% LOWER DCR THAN NPIS_LS SERIES
• ROBUST CONSTRUCTION
• TAPED AND REELED FOR AUTOMATIC INSERTION
• FOR USE IN DC/DC CONVERTERS
Case Size
NPIS26LP
NPIS22LP
NPIS20LP
NPIS21LP
NPIS32LP
Inductance Range
0.16 ~ 10μH
0.16 ~ 33μH
0.24 ~ 22μH
0.16 ~ 22μH
1.0 ~ 22μH
Case Size
NPIS35LP
NPIS41LP
NPIS48LP
NPIS83LP
Inductance Range
0.47 ~ 22μH
0.47 ~ 10μH
1.0 ~ 330μH
1.0 ~ 47μH
Ambient Operating Temperature Range
-40°C ~ +125°C (including self-heating)
Temperatrue Rise at Irms
Maximum +40°C Temperature Rise
Inductance Change at Isat
Maximum -30% Indcutance Drop From Initial Measured Value
Inductance Tolerance
±20% (M)
Resistance to Solder Heat
+260°C for 10 seconds
CHARACTERISTICS
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
DIMENSIONS (mm)
Series
A
B
C
d
e
f
G
I
H
NPIS26LP
2.0 ± 0.2
1.6 ± 0.2
1.0 Max.
1.2 ± 0.2
0.60 ± 0.2
0.80 ± 0.2
0.7
0.7
1.7
NPIS22LP
2.0 ± 0.1
2.0 ± 0.1
1.2 Max.
1.5 ± 0.2
0.60 ± 0.2
0.80 ± 0.2
0.65
0.7
2
NPIS20LP
2.5 ± 0.2
2.0 ± 0.2
1.0 Max.
1.5 ± 0.2
0.80 ± 0.2
0.80 ± 0.2
0.8
0.85
2
NPIS21LP
2.5 ± 0.2
2.0 ± 0.2
1.2 Max.
1.5 ± 0.2
0.80 ± 0.2
0.80 ± 0.2
0.8
0.85
2
NPIS32LP
3.0 ± 0.2
3.0 ± 0.2
1.2 Max.
2.5 ± 0.2
0.75 ± 0.2
1.5 ± 0.2
1.5
0.8
2.7
NPIS35LP
3.0 ± 0.2
3.0 ± 0.2
1.5 Max.
2.5 ± 0.2
0.75 ± 0.2
1.5 ± 0.2
1.5
0.8
2.7
NPIS41LP
4.0 ± 0.2
4.0 ± 0.2
1.2 Max.
3.3 ± 0.2
0.95 ± 0.2
2.1 ± 0.2
1.9
1.1
3.7
NPIS48LP
4.0 ± 0.2
4.0 ± 0.2
1.8 Max.
3.3 ± 0.2
0.95 ± 0.2
2.1 ± 0.2
1.9
1.1
3.7
NPIS83LP
8.0 ± 0.3
8.0 ± 0.3
3.0 Max.
6.3 ± 0.3
2.00 ± 0.3
4.0 ± 0.3
3.8
2.2
7.5
REFLOW SOLDERING
LAND PATTERN
A
f
B
d
e
NPIS 21 LP4R7 M TR F
RoHS Compliant
Packaging: TR = Tape & Reel
Inductance Tolerance Code: M=±20%
Inductance Code (μH): 1st two digits are
significant, 3rd digit is multiplier.
Construction Code (see drawing for details)
Size Code (see table for details)
Series
PART NUMBER SYSTEM
I
C
H
I
G


Similar Part No. - NPIS32LP

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS32L NIC-NPIS32L Datasheet
116Kb / 6P
NPIS Shielded Power Inductors
NPIS32L100MTRF NIC-NPIS32L100MTRF Datasheet
121Kb / 6P
NPIS Shielded Power Inductors
NPIS32L150MTRF NIC-NPIS32L150MTRF Datasheet
121Kb / 6P
NPIS Shielded Power Inductors
NPIS32L1R0YTRF NIC-NPIS32L1R0YTRF Datasheet
121Kb / 6P
NPIS Shielded Power Inductors
NPIS32L1R5YTRF NIC-NPIS32L1R5YTRF Datasheet
121Kb / 6P
NPIS Shielded Power Inductors
More results

Similar Description - NPIS32LP

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com