Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS32LS Datasheet(PDF) 17 Page - NIC-Components Corp.

Part # NPIS32LS
Description  NPIS Shielded Power Inductors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS32LS Datasheet(HTML) 17 Page - NIC-Components Corp.

Back Button NPIS32LS Datasheet HTML 9Page - NIC-Components Corp. NPIS32LS Datasheet HTML 10Page - NIC-Components Corp. NPIS32LS Datasheet HTML 11Page - NIC-Components Corp. NPIS32LS Datasheet HTML 12Page - NIC-Components Corp. NPIS32LS Datasheet HTML 13Page - NIC-Components Corp. NPIS32LS Datasheet HTML 14Page - NIC-Components Corp. NPIS32LS Datasheet HTML 15Page - NIC-Components Corp. NPIS32LS Datasheet HTML 16Page - NIC-Components Corp. NPIS32LS Datasheet HTML 17Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
17
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPIS__LS Series
Tape Width
REEL DIMENSIONS (mm)
A(mm)
B(mm)
C(mm)
D(mm)
NPIS20LS
9.0 ± 1.5
58 ± 2.0
13.5 ± 0.2
178 ± 2.0
NPIS21LS
NPIS31LS
9.0 ± 1.5
58 ± 2.0
13.5 ± 0.2
178 ± 2.0
NPIS32LS
NPIS35LS
NPIS41LS
12.4 +0.2/-0
100 ± 2.0
13.0 +2/-0
330 ± 2.0
NPIS48LS
NPIS42LS
NPIS43LS
NPIS52LS
16.4 +0.2/-0
100 ± 2.0
13.0 +2/-0
330 ± 2.0
NPIS54LS
NPIS62LS
NPIS63LS
12.4 +0.2/-0
100 ± 2.0
13.0 +2/-0
330 ± 2.0
NPIS65LS
NPIS84LS
16.4 +0.2/-0
100 ± 2.0
13.0 +2/-0
330 ± 2.0
Case Size
CARRIER TAPING DIMENSIONS (mm) AND REEL QUANTITY
Ao
Bo
Ko
Co
W
Po
t
Quantity
NPIS20LS
2.35 ± 0.05
2.65 ± 0.05
1.2 ± 0.05
3.5 ± 0.05
8.0 ± 0.1
4.0 ± 0.1
0.25 ± 0.03
2,000
NPIS21LS
2.2 ± 0.1
2.6 ± 0.1
1.4 ± 0.1
3.5 ± 0.1
8.0 ± 0.3
4.0 ± 0.1
0.3 ± 0.03
2,000
NPIS31LS
3.3 ± 0.1
3.3 ± 0.1
1.4 ± 0.1
3.5 ± 0.1
8.0 ± 0.3
4.0 ± 0.1
0.3 ± 0.03
2,000
NPIS32LS
1.6 ± 0.1
2,000
NPIS35LS
1.9 ± 0.1
2,000
NPIS41LS
4.4 ± 0.1
4.4 ± 0.1
1.6 ± 0.1
5.5 ± 0.1
12.0 ± 0.3
8.0 ± 0.1
0.3 ± 0.03
4,500
NPIS48LS
2.4 ± 0.1
3,000
NPIS42LS
2.4 ± 0.1
3,000
NPIS43LS
3.4 ± 0.1
2,000
NPIS52LS
5.3 ± 0.1
5.3 ± 0.1
3.0 ± 0.15
5.5 ± 0.1
12.0 ± 0.3
8.0 ± 0.1
0.3 ± 0.05
2,500
NPIS54LS
4.4 ± 0.1
1,500
NPIS62LS
6.4 ± 0.1
6.4 ± 0.1
2.5 ± 0.1
7.5 ± 0.1
16.0 ± 0.3
8.0 ± 0.1
0.4 ± 0.03
2,500
NPIS63LS
3.3 ± 0.1
2,000
NPIS65LS
4.7 ± 0.1
1,500
NPIS84LS
8.35 ± 0.1
8.35 ± 0.1
4.4 ± 0.1
7.5 ± 0.1
16.0 ± 0.3
12.0 ± 0.1
0.4 ± 0.03
1,000
W
Co
Ao
Po
Ko
Bo
1.5mm ± 0.1
4.0mm
±0.1
1.75mm ±0.1
t
NPIS Shielded Power Inductors
B
C
D
A
Terminations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com