Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS32LS Datasheet(PDF) 13 Page - NIC-Components Corp.

Part # NPIS32LS
Description  NPIS Shielded Power Inductors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS32LS Datasheet(HTML) 13 Page - NIC-Components Corp.

Back Button NPIS32LS Datasheet HTML 9Page - NIC-Components Corp. NPIS32LS Datasheet HTML 10Page - NIC-Components Corp. NPIS32LS Datasheet HTML 11Page - NIC-Components Corp. NPIS32LS Datasheet HTML 12Page - NIC-Components Corp. NPIS32LS Datasheet HTML 13Page - NIC-Components Corp. NPIS32LS Datasheet HTML 14Page - NIC-Components Corp. NPIS32LS Datasheet HTML 15Page - NIC-Components Corp. NPIS32LS Datasheet HTML 16Page - NIC-Components Corp. NPIS32LS Datasheet HTML 17Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Series
Standard Values - Case Size 63 (6.0 x 6.0 x 2.8mm)
Inductance
(µH)
Tolerance
Test Conditions
DCR
(Ω) ±30%
Max. Isat
(Amps)
Max. Irms
(Amps)
SRF
(MHz)
NPIS63LS1R5YTRF
1.5
±30%
100KHz, 1V
0.013
6
4.58
65
NPIS63LS2R2YTRF
2.2
±30%
100KHz, 1V
0.015
5.1
4.09
56
NPIS63LS2R7YTRF
2.7
±30%
100KHz, 1V
0.02
3.8
3.75
48
NPIS63LS3R3YTRF
3.3
±30%
100KHz, 1V
0.025
3.63
3.48
41
NPIS63LS4R7YTRF
4.7
±30%
100KHz, 1V
0.03
3
3.08
35
NPIS63LS5R1YTRF
5.1
±30%
100KHz, 1V
0.035
3.55
2.89
33
NPIS63LS6R2MTRF
6.2
±20%
100KHz, 1V
0.04
3.05
2.58
30
NPIS63LS6R8MTRF
6.8
±20%
100KHz, 1V
0.047
2.85
2.4
27
NPIS63LS8R2MTRF
8.2
±20%
100KHz, 1V
0.055
2.6
2.25
24
NPIS63LS9R1MTRF
9.1
±20%
100KHz, 1V
0.06
2.55
2.15
24
NPIS63LS100MTRF
10
±20%
100KHz, 1V
0.072
2.04
1.95
23
NPIS63LS120MTRF
12
±20%
100KHz, 1V
0.08
1.8
1.85
18
NPIS63LS150MTRF
15
±20%
100KHz, 1V
0.125
1.75
1.45
18
NPIS63LS180MTRF
18
±20%
100KHz, 1V
0.12
1.52
1.45
15
NPIS63LS220MTRF
22
±20%
100KHz, 1V
0.14
1.6
1.4
14
NPIS63LS270MTRF
27
±20%
100KHz, 1V
0.155
1.5
1.32
13
NPIS63LS330MTRF
33
±20%
100KHz, 1V
0.185
1.35
1.22
12
NPIS63LS360MTRF
36
±20%
100KHz, 1V
0.215
1.25
1.13
11
NPIS63LS390MTRF
39
±20%
100KHz, 1V
0.225
1.25
1.1
11
NPIS63LS430MTRF
43
±20%
100KHz, 1V
0.235
1.2
1.07
11
NPIS63LS470MTRF
47
±20%
100KHz, 1V
0.245
1.15
1.06
9.5
NPIS63LS510MTRF
51
±20%
100KHz, 1V
0.265
1.05
1.01
9.5
NPIS63LS620MTRF
62
±20%
100KHz, 1V
0.345
0.95
0.89
7.7
NPIS63LS680MTRF
68
±20%
100KHz, 1V
0.36
0.95
0.86
7.7
NPIS63LS750MTRF
75
±20%
100KHz, 1V
0.41
0.9
0.81
7.7
NPIS63LS820MTRF
82
±20%
100KHz, 1V
0.445
0.9
0.78
7.7
NPIS63LS910MTRF
91
±20%
100KHz, 1V
0.505
0.8
0.73
7.7
NPIS63LS101MTRF
100
±20%
100KHz, 1V
0.545
0.75
0.7
7.1
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
NPIS__LS Series
NPIS Shielded Power Inductors
NPIS63LS Size
Inductance vs. DC Current Characteristics
Temperature vs. DC Current Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com