Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS35LS Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPIS35LS
Description  NPIS Shielded Power Inductors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS35LS Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPIS35LS Datasheet HTML 1Page - NIC-Components Corp. NPIS35LS Datasheet HTML 2Page - NIC-Components Corp. NPIS35LS Datasheet HTML 3Page - NIC-Components Corp. NPIS35LS Datasheet HTML 4Page - NIC-Components Corp. NPIS35LS Datasheet HTML 5Page - NIC-Components Corp. NPIS35LS Datasheet HTML 6Page - NIC-Components Corp. NPIS35LS Datasheet HTML 7Page - NIC-Components Corp. NPIS35LS Datasheet HTML 8Page - NIC-Components Corp. NPIS35LS Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPIS__LS Series
NPIS Shielded Power Inductors
Series
Standard Values - Case Size 21 (2.0 x 2.5 x 1.2mm)
Inductance
(µH)
Tolerance
Test
Conditions
Max. DCR
(Ω) ±30%
Max. Isat
(Amps)
Typ. Isat
(Amps)
Irms (Amps)
NPIS21LSR47YTRF
0.47
±30%
100KHz, 1V
0.05
3.6
4.03
2.27
NPIS21LSR68YTRF
0.68
±30%
100KHz, 1V
0.088
3.06
3.43
1.73
NPIS21LS1R0YTRF
1.0
±30%
100KHz, 1V
0.102
2.68
3
1.58
NPIS21LS1R2YTRF
1.2
±30%
100KHz, 1V
0.119
2.38
2.67
1.46
NPIS21LS1R5_TRF
1.5
±20%, 30%
100KHz, 1V
0.136
2.24
2.51
1.4
NPIS21LS2R2MTRF
2.2
±20%
100KHz, 1V
0.198
1.85
2.07
1.15
NPIS21LS2R7MTRF
2.7
±20%
100KHz, 1V
0.222
1.71
1.92
1.09
NPIS21LS3R3MTRF
3.3
±20%
100KHz, 1V
0.24
1.61
1.8
1.04
NPIS21LS3R6MTRF
3.6
±20%
100KHz, 1V
0.322
1.48
1.66
0.9
NPIS21LS4R3MTRF
4.3
±20%
100KHz, 1V
0.348
1.37
1.53
0.87
NPIS21LS4R7MTRF
4.7
±20%
100KHz, 1V
0.378
1.18
1.32
0.84
NPIS21LS5R1MTRF
5.1
±20%
100KHz, 1V
0.378
1.18
1.32
0.84
NPIS21LS5R6MTRF
5.6
±20%
100KHz, 1V
0.401
1.13
1.26
0.81
NPIS21LS6R2MTRF
6.2
±20%
100KHz, 1V
0.5
1.03
1.16
0.73
NPIS21LS6R8MTRF
6.8
±20%
100KHz, 1V
0.536
0.98
1.09
0.69
NPIS21LS7R5MTRF
7.5
±20%
100KHz, 1V
0.564
0.97
1.09
0.68
NPIS21LS8R2MTRF
8.2
±20%
100KHz, 1V
0.607
0.98
1.1
0.65
NPIS21LS9R1MTRF
9.1
±20%
100KHz, 1V
0.667
0.95
1.06
0.62
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
Series
Standard Values - Case Size 20 (2.0 x 2.5 x 1.0mm)
Inductance
(µH)
Tolerance
Test
Conditions
Max. DCR
(Ω) ±30%
Max. Isat
(Amps)
Typ. Isat
(Amps)
Irms (Amps)
NPIS20LSR47YTRF
0.47
±30%
100KHz, 1V
0.061
2.5
3.35
2.35
NPIS20LSR68YTRF
0.68
±30%
100KHz, 1V
0.081
2.2
2.75
2
NPIS20LS1R0YTRF
1.0
±30%
100KHz, 1V
0.117
1.85
2.2
1.65
NPIS20LS1R5YTRF
1.5
±30%
100KHz, 1V
0.198
1.8
2.1
1.3
NPIS20LS2R2YTRF
2.2
±30%
100KHz, 1V
0.226
1.2
1.6
1.2
NPIS20LS3R3MTRF
3.3
±20%
100KHz, 1V
0.355
1.05
1.3
0.9
NPIS20LS4R7MTRF
4.7
±20%
100KHz, 1V
0.61
0.95
1.15
0.7
NPIS20LS6R8MTRF
6.8
±20%
100KHz, 1V
0.971
0.78
0.92
0.59
NPIS20LS100MTRF
10
±20%
100KHz, 1V
1.183
0.65
0.78
0.5
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
NPIS20LS Size
NPIS21LS Size
Inductance vs. DC Current Characteristics
Temperature vs. DC Current Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com