Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS35LS Datasheet(PDF) 14 Page - NIC-Components Corp.

Part # NPIS35LS
Description  NPIS Shielded Power Inductors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS35LS Datasheet(HTML) 14 Page - NIC-Components Corp.

Back Button NPIS35LS Datasheet HTML 9Page - NIC-Components Corp. NPIS35LS Datasheet HTML 10Page - NIC-Components Corp. NPIS35LS Datasheet HTML 11Page - NIC-Components Corp. NPIS35LS Datasheet HTML 12Page - NIC-Components Corp. NPIS35LS Datasheet HTML 13Page - NIC-Components Corp. NPIS35LS Datasheet HTML 14Page - NIC-Components Corp. NPIS35LS Datasheet HTML 15Page - NIC-Components Corp. NPIS35LS Datasheet HTML 16Page - NIC-Components Corp. NPIS35LS Datasheet HTML 17Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Series
Standard Values - Case Size 65 (6.0 x 6.0 x 4.5mm)
Inductance
(µH)
Tolerance
Test Conditions
DCR
(Ω) ±30%
Max. Isat
(Amps)
Max. Irms
(Amps)
SRF
(MHz)
NPIS65LSR82YTRF
0.82
±30%
100KHz, 1V
0.008
10.4
5.9
140
NPIS65LS1R0YTRF
1
±30%
100KHz, 1V
0.011
9.85
5.14
100
NPIS65LS1R2YTRF
1.2
±30%
100KHz, 1V
0.01
8.35
5.4
100
NPIS65LS1R5YTRF
1.5
±30%
100KHz, 1V
0.012
8.8
4.95
65
NPIS65LS1R8YTRF
1.8
±30%
100KHz, 1V
0.012
7.6
4.95
74
NPIS65LS2R2YTRF
2.2
±30%
100KHz, 1V
0.014
6.75
4.6
52
NPIS65LS2R3YTRF
2.3
±30%
100KHz, 1V
0.021
6
3.5
60
NPIS65LS2R7YTRF
2.7
±30%
100KHz, 1V
0.015
5.75
4.3
38
NPIS65LS3R0YTRF
3
±30%
100KHz, 1V
0.02
5.6
3.8
35
NPIS65LS3R3YTRF
3.3
±30%
100KHz, 1V
0.021
5.9
3.7
32
NPIS65LS3R6YTRF
3.6
±30%
100KHz, 1V
0.021
5.25
3.7
28
NPIS65LS4R3MTRF
4.3
±20%
100KHz, 1V
0.023
4.45
3.5
23
NPIS65LS4R7MTRF
4.7
±20%
100KHz, 1V
0.026
4.97
3.3
24
NPIS65LS5R1MTRF
5.1
±20%
100KHz, 1V
0.026
4.4
3.3
23
NPIS65LS5R6MTRF
5.6
±20%
100KHz, 1V
0.029
4.15
3.15
23
NPIS65LS6R2MTRF
6.2
±20%
100KHz, 1V
0.031
4.43
3
26
NPIS65LS6R8MTRF
6.8
±20%
100KHz, 1V
0.031
3.9
3
20
NPIS65LS7R5MTRF
7.5
±20%
100KHz, 1V
0.034
3.5
2.9
18
NPIS65LS8R2MTRF
8.2
±20%
100KHz, 1V
0.043
3.9
2.6
21
NPIS65LS9R1MTRF
9.1
±20%
100KHz, 1V
0.043
3.35
2.6
17
NPIS65LS100MTRF
10
±20%
100KHz, 1V
0.048
3.2
2.45
15
NPIS65LS120MTRF
12
±20%
100KHz, 1V
0.058
2.8
2.2
13
NPIS65LS150MTRF
15
±20%
100KHz, 1V
0.068
2.5
2.05
12
NPIS65LS180MTRF
18
±20%
100KHz, 1V
0.081
2.2
1.85
10
NPIS65LS220MTRF
22
±20%
100KHz, 1V
0.089
2.05
1.8
10
NPIS65LS270MTRF
27
±20%
100KHz, 1V
0.102
1.9
1.65
9.2
NPIS65LS300MTRF
30
±20%
100KHz, 1V
0.132
1.7
1.5
7.8
NPIS65LS330MTRF
33
±20%
100KHz, 1V
0.137
1.65
1.45
7.8
NPIS65LS360MTRF
36
±20%
100KHz, 1V
0.173
1.62
1.4
7.8
NPIS65LS390MTRF
39
±20%
100KHz, 1V
0.18
1.5
1.25
7.8
NPIS65LS430MTRF
43
±20%
100KHz, 1V
0.2
1.63
1.2
7.7
NPIS65LS470MTRF
47
±20%
100KHz, 1V
0.2
1.4
1.2
6.4
NPIS65LS510MTRF
51
±20%
100KHz, 1V
0.207
1.35
1.15
6.4
NPIS65LS560MTRF
56
±20%
100KHz, 1V
0.221
1.3
1.1
6.4
NPIS65LS620MTRF
62
±20%
100KHz, 1V
0.235
1.25
1.1
6.4
NPIS65LS680MTRF
68
±20%
100KHz, 1V
0.289
1.2
1
6.4
NPIS__LS Series
NPIS Shielded Power Inductors
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
NPIS65LS Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com