Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS02 Datasheet(PDF) 1 Page - XP Power Limited

Part # FS02
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FS02 Datasheet(HTML) 1 Page - XP Power Limited

  FS02 Datasheet HTML 1Page - XP Power Limited FS02 Datasheet HTML 2Page - XP Power Limited FS02 Datasheet HTML 3Page - XP Power Limited FS02 Datasheet HTML 4Page - XP Power Limited FS02 Datasheet HTML 5Page - XP Power Limited FS02 Datasheet HTML 6Page - XP Power Limited FS02 Datasheet HTML 7Page - XP Power Limited FS02 Datasheet HTML 8Page - XP Power Limited FS02 Datasheet HTML 9Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4725V01
PAGE 1
WWW.XPPOWER.COM
PRODUCT DESCRIPTION
Complete List of Models on pages 2 and 3
MODEL
OUTPUT
VOLTAGE*2
(POSITIVE OR NEGATIVE)
OUTPUT
CURRENT *1
OUTPUT
POWER*4
FS02
0 to 200V
50mA
0 to 10W
FS03
0 to 300V
33.3mA
0 to 10W
FS05
0 to 500V
20mA
0 to 10W
FS10
0 to 1kV
10mA
0 to 10W
FS20
0 to 2kV
5mA
0 to 10W
FS30
0 to 3kV
3.33mA
0 to 10W
FS40
0 to 4kV
2.5mA
0 to 10W
FS50
0 to 5kV
2mA
0 to 10W
FS60
0 to 6kV
1.67mA
0 to 10W
200V to 6kV at 10W
FS SERIES
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Proven
Reliability
FEATURES
• Output Proportional and Linear to Input
<0.7V Turn-On Voltage
•
SMART FEATURES for Enhanced Reliability:
Over-Temperature Protection with Automatic Shutdown and Error Code
Over-Voltage Protection with Automatic Shutdown and Error Code Output
• Disable Pin, TTL Compatible High=Off
• No Minimum Load Current Required
• Low-Noise, Quasi-Sinewave Oscillator
• Inaudible >25kHz Oscillator, Low EMI/RFI
• Low Conducted Emissions and Low Input Ripple Current
• Stable Operating Frequency Over Entire Operating Range
• High Input to Output Galvanic Isolation
• Very Low Input/Output Leakage Current: <100nA
• Very Low Input/Output Coupling Capacitance: <100pF
• Reversible Output Polarity (4kV Modules and Below)
• High Efficiency, No Derating Required
• Robust Design: Conservative Internal High Voltage Clearance and Voltage
Gradient Control for Exceptional Long-Term Reliability
• Arc Protection*8 and Short Circuit Protection*5
• Output Surge Current Limited
• High Reliability: MTBF > 840,000 Hours per Belcore TR 332
• Excellent Internal Thermal Management
• Anodized Aluminum Heatsink Surface
• Two Threaded, Blind Inserts Allow for Easy Heatsinking and/or
Chassis Mounting Options
• UL Certified Encapsulant, Meets 94V-0 Flammability
• RoHS Compliant
• Available in Four Standard Input Voltage Ranges: 0–12, 15, 24, and 28V.
(For Other Input / Output Voltages, Consult Factory)
• Polarity: Choose Negative or Positive Outputs for Models FS50 and FS60
• Dual Output (Center Tap): Available for Models FS02CT through FS40CT
• B Version - Without Enhanced Features. See ‘B’ Drawing.
• Extended Operating Temperature: -55º to +85ºC (Case)(-T Option)*6
• Extended Environmental Screening and Burn-In Available, Consult Factory
• Electrophoresis
• Piezo Devices
• Capacitor Charging
• Mass Spectrometry
• Electrostatic Chucks
APPLICATIONS
OPTIONS
PRODUCT DESCRIPTION
PRODUCT SELECTION TABLE
The new FS Series of isolated, proportional DC to high voltage DC
converters offers stout design and enhanced features for excellent
long term reliability. Outputs ranging from 200V through 6kV are of-
fered in miniature, cost-effective, PC-mount packages. Based on XP
EMCO’s proven high-reliability, high voltage power conversion topol-
ogy, the FS Series boasts a full ten watts of output power for each
model and features a low 0.7V turn-on voltage. The output voltage
is proportional to the input voltage, from turn on to maximum output
voltage, enabling easy control of the high voltage. XP EMCO’s pro-
prietary, quasi-sinewave, resonant oscillator produces clean, reliable
high voltage with inherently low ripple, low EMI/RFI, low input ripple
current, and low conducted emissions. Additional features such as
arc protection*8, short circuit protection, surge current limiting, and
over-temperature protection are available.


Similar Part No. - FS02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS02 ETC1-FS02 Datasheet
123Kb / 4P
SURFACE MOUNT SCR
FS0201B ETC1-FS0201B Datasheet
123Kb / 4P
SURFACE MOUNT SCR
FS0201BN00RB ETC1-FS0201BN00RB Datasheet
123Kb / 4P
SURFACE MOUNT SCR
FS0201D ETC1-FS0201D Datasheet
123Kb / 4P
SURFACE MOUNT SCR
FS0201DN00RB ETC1-FS0201DN00RB Datasheet
123Kb / 4P
SURFACE MOUNT SCR
More results

Similar Description - FS02

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
BOLERO HV DC/DC CONVERTERS
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com