Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS02 Datasheet(PDF) 3 Page - XP Power Limited

Part # FS02
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FS02 Datasheet(HTML) 3 Page - XP Power Limited

  FS02 Datasheet HTML 1Page - XP Power Limited FS02 Datasheet HTML 2Page - XP Power Limited FS02 Datasheet HTML 3Page - XP Power Limited FS02 Datasheet HTML 4Page - XP Power Limited FS02 Datasheet HTML 5Page - XP Power Limited FS02 Datasheet HTML 6Page - XP Power Limited FS02 Datasheet HTML 7Page - XP Power Limited FS02 Datasheet HTML 8Page - XP Power Limited FS02 Datasheet HTML 9Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
4725V01
PAGE 3
WWW.XPPOWER.COM
PARAMETER
VALUE
TURN-ON VOLTAGE
0.7V TYPICAL
ISOLATION
< +/- 2,500V BIAS ON PIN 4
OPERATING TEMPERATURE
-25º to +75ºC (CASE)*6
OPTIONAL EXTENDED OPERATING TEMPERATURE
-55º to +85ºC (CASE)*6
STORAGE TEMPERATURE
-55º to +85ºC
OUTPUT VOLTAGE TOLERANCE
+/-3% FULL LOAD
EFFICIENCY
75% - 85% TYPICAL
INPUT CAPACITANCE
188uF (12V AND 15V in)
88uF (24V AND 28V)
FREQUENCY
25 TO 125kHz
DETAILED PRODUCT DESCRIPTION
The new FS Series of isolated, proportional DC to high voltage DC converters
offers stout design and enhanced features for excellent long-term reli-
ability. Outputs ranging from 200V through 6kV are offered in miniature,
cost-effective, PC-mount packages. Based on XP EMCO’s proven high-
reliability, high voltage power conversion topology, the FS Series boasts a
full ten watts of output power for each model and features a low 0.7V turn-on
voltage. The output voltage is proportional to the input voltage, from turn on
to maximum output voltage, enabling easy control of the high voltage. XP
EMCO’s proprietary, quasi-sinewave, resonant oscillator produces clean,
reliable high voltage with inherently low ripple, low EMI/RFI, low input ripple
current, and low conducted emissions. The frequency of the oscillator is
stable throughout the operating range, allowing for easy additional filtering,
and always operates well above the audio frequency range.
This series features sturdy, galvanic input-to-output high voltage isolation,
conservatively rated at +/-2,500V + Vout with less than 100pF of coupling
capacitance and less than 100nA of leakage current. Robustness and high
reliability have been designed into each model by incorporating output
arc surge current limiting and short circuit protection. Careful control over
internal voltage gradients extends the useful life calculated. Mean time
between failure (per Bellcore TR-332) exceeds 840,000 hours.
In addition, the internal transformer temperature and input voltage are
actively monitored with supervisory circuits and fed into a shutdown circuit,
preventing excessive input voltage or over-temperature failures. Should
preset limits be exceeded, the module will automatically shut down and
issue an error signal on pin 6 (TTL high).
When the fault condition is removed, the unit restores itself to normal
operation, ensuring maximum reliability in the field. However, the pin 6
error signal will remain high until reset by power cycling the +5V logic.
The fault monitor circuit is powered by an external 5V to allow for 0.7 to
full input voltage proportional operation of the high voltage converter. The
FS Series also features an enable/disable function. A TTL high signal on
Pin #8 disables the high voltage output.
High power conversion efficiency, coupled with low internal thermal
resistance, creates a vigorous package able to withstand wide operating
temperatures. A unique integrated anodized aluminum heatsink surface
features two threaded blind inserts, which allow for optimal thermal manage-
ment via external heatsink for high temperature operation and/or convenient
chassis mounting configurations. A special proprietary encapsulating formula
optimizes internal dielectric strength that is UL-94V0 compliant while low
thermal resistance minimizes internal component temperature rise, resulting
in a robust module optimized for long-term reliability.
FS SERIES
ELECTRICAL SPECIFICATIONS*3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com