Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM304 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM304
Description  Negative Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM304 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM304 Datasheet HTML 1Page - National Semiconductor (TI) LM304 Datasheet HTML 2Page - National Semiconductor (TI) LM304 Datasheet HTML 3Page - National Semiconductor (TI) LM304 Datasheet HTML 4Page - National Semiconductor (TI) LM304 Datasheet HTML 5Page - National Semiconductor (TI) LM304 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales Office
Distributors for availability and specifications
(Note 6)
LM104LM204
LM304
Input Voltage
50V
40V
Input-Output Voltage Differential
50V
40V
Power Dissipation (Note 1)
500 mW
500 mW
Operating Temperature Range
LM104
b
55 Cto a125 C
LM204
b
25 Cto a85 C
LM304
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
260 C for plastic
300 C for hermetic
Electrical Characteristics
Parameter
Conditions
LM104LM204
LM304
Units
Min
Typ
Max
Min
Typ
Max
Input Voltage Range
b
50
b
8
b
40
b
8V
Output Voltage Range
b
40
b
0015
b
30
b
0035
V
Output-Input Voltage
IO e 20 mA
20
50
20
40
V
Differential (Note 3)
IO e 5 mA
05
50
05
40
V
Load Regulation (Note 4)
O s IO s 20 mA
RSC e 15X
15
15
mV
Line Regulation (Note 5)
VOUT s b5V
D
VIN e 01 VIN
0056
01
0056
01
%
Ripple Rejection
C19 e 10 mF f e 120 Hz
VIN k b15V
02
05
02
05
mVV
b
7V t VIN t b15V
05
10
05
10
mVV
Output Voltage Scale Factor
R2-3 e 24k
18
20
22
18
20
22
VkX
Temperature Stability
VO s b1V
03
10
03
10
%
Output Noise Voltage
10 Hz s f s 10 kHz
VO s b5V C1-9 e 0
0007
0007
%
C1-9 e 10 mF15
15
m
V
Standby Current Drain
IL e 5 mA VO e 0
17
25
17
25
mA
VO eb30V
36
50
mA
VO eb40V
36
50
mA
Long Term Stability
VO s b1V
001
10
001
10
%
Note 1
The maximum junction temperature of the LM104 is 150 C while that of the LM204 is 125 C and LM304 is 100 C For operating at elevated temperatures
devices in the H10C package must be derated based on a thermal resistance of 150 CW junction to ambient or 45 CW junction to case
Note 2
These specifications apply for junction temperatures between b55 C and 150 C (between b25 C and 100 C for the LM204 and 0 Cto a85 C for the
LM304) and for input and output voltages within the ranges given unless otherwise specified The load and line regulation specifications are for constant junction
temperature Temperature drift effects must be taken into account separately when the unit is operating under conditions of high dissipation
Note 3
When external booster transistors are used the minimum output-input voltage differential is increased in the worst case by approximately 1V
Note 4
The output currents given as well as the load regulation can be increased by the addition of external transistors The improvement factor will be roughly
equal to the composite current gain of the added transistors
Note 5
With zero output the dc line regulation is determined from the ripple rejection Hence with output voltages between 0V and b 5V a dc output variation
determined from the ripple rejection must be added to find the worst-case line regulation
Note 6
Refer to RETS104X drawing for military specifications for the LM104
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com