Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM304 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM304
Description  Negative Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM304 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM304 Datasheet HTML 1Page - National Semiconductor (TI) LM304 Datasheet HTML 2Page - National Semiconductor (TI) LM304 Datasheet HTML 3Page - National Semiconductor (TI) LM304 Datasheet HTML 4Page - National Semiconductor (TI) LM304 Datasheet HTML 5Page - National Semiconductor (TI) LM304 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLH7754
March 1989
LM104LM204LM304 Negative Regulator
General Description
The LM104 series are precision voltage regulators which
can be programmed by a single external resistor to supply
any voltage from 40V down to zero while operating from a
single unregulated supply They can also provide 001-per-
cent regulation in circuits using a separate floating bias
supply where the output voltage is limited only by the
breakdown of external pass transistors Although designed
primarily as linear series regulators the circuits can be used
as switching regulators current regulators or in a number of
other control applications Typical performance characteris-
tics are
Y
Subsurface zener reference
Y
1 mV regulation no load to full load
Y
001%V line regulation
Y
02 mVV ripple rejection
Y
03% temperature stability over military temperature
range
The LM104 series is the complement of the LM105 positive
regulator intended for systems requiring regulated negative
voltages which have a common ground with the unregulated
supply By themselves they can deliver output currents to
25 mA but external transistors can be added to get any
desired current The output voltage is set by external resis-
tors and either constant or foldback current limiting is made
available
The LM104 is specified for operation over the b55 Cto
a
125 C military temperature range The LM204 is specified
for operation over the b25 Cto a85 C temperature range
The LM304 is specified for operation from 0 Cto a70 C
Schematic Diagram
TLH7754 – 1
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM304

ManufacturerPart #DatasheetDescription
logo
Power-One
LM3040-7 POWER-ONE-LM3040-7 Datasheet
146Kb / 4P
50 Watt DC-DC Converters
LM3040-7 POWER-ONE-LM3040-7 Datasheet
66Kb / 4P
50 Watt AC-DC Converters
LM3040-7 POWER-ONE-LM3040-7 Datasheet
83Kb / 4P
50-Watt AC-DC Cassette Converters
logo
Shanghai Leiditech Elec...
LM3043N LEIDITECH-LM3043N Datasheet
771Kb / 5P
N-Channel Trench MOSFET
logo
National Semiconductor ...
LM3045 NSC-LM3045 Datasheet
179Kb / 6P
LM3045/LM3046/LM3086 Transistor Arrays
More results

Similar Description - LM304

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1714 AIC-AIC1714 Datasheet
162Kb / 5P
Negative Voltage Regulator
logo
Holtek Semiconductor In...
HT74XX HOLTEK-HT74XX Datasheet
90Kb / 7P
Negative Voltage Regulator
January 26, 2000
logo
Linear Technology
LT137A LINER-LT137A Datasheet
795Kb / 8P
Negative Adjustable Regulator
logo
Seiko Instruments Inc
S-802 SII-S-802 Datasheet
552Kb / 10P
NEGATIVE VOLTAGE REGULATOR
logo
GTM CORPORATION
GSC79LXX GTM-GSC79LXX Datasheet
345Kb / 5P
NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SM79L09 SECOS-SM79L09 Datasheet
343Kb / 2P
Negative Voltage Regulator
logo
Silicon Standard Corp.
SS6714 SSC-SS6714 Datasheet
94Kb / 5P
Negative Voltage Regulator
logo
SeCoS Halbleitertechnol...
S79L12 SECOS-S79L12 Datasheet
386Kb / 2P
Negative Voltage Regulator
logo
E-Tech Electronics LTD
GM79LXX ETL-GM79LXX Datasheet
330Kb / 5P
NEGATIVE VOLTAGE REGULATOR
logo
Linear Technology
LM137 LINER-LM137_15 Datasheet
158Kb / 12P
Negative Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com