Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC373 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVC373
Description  Octal D-type transparent latch 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC373 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVC373 Datasheet HTML 1Page - NXP Semiconductors 74ALVC373 Datasheet HTML 2Page - NXP Semiconductors 74ALVC373 Datasheet HTML 3Page - NXP Semiconductors 74ALVC373 Datasheet HTML 4Page - NXP Semiconductors 74ALVC373 Datasheet HTML 5Page - NXP Semiconductors 74ALVC373 Datasheet HTML 6Page - NXP Semiconductors 74ALVC373 Datasheet HTML 7Page - NXP Semiconductors 74ALVC373 Datasheet HTML 8Page - NXP Semiconductors 74ALVC373 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2002 Feb 26
2
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74ALVC373
FEATURES
• Wide supply voltage range from 1.65 to 3.6 V
• Complies with JEDEC standard:
JESD8-7 (1.65 to 1.95 V)
JESD8-5 (2.3 to 2.7 V)
JESD8B/JESD36 (2.7 to 3.6 V).
• 3.6 V tolerant inputs/outputs
• CMOS LOW power consumption
• Direct interface with TTL levels (2.7 to 3.6 V)
• Power-down mode
• Latch-up performance exceeds ≤250 mA
• ESD protection:
2000 V Human Body Model (JESD22-A114-A)
200 V Machine Model (JESD22-A115-A).
DESCRIPTION
The 74ALVC373 is a high-performance, low-power,
low-voltage, Si-gate CMOS device and superior to most
advanced CMOS compatible TTL families.
The 74ALVC373 is an octal D-type transparent latch
featuring separate D-type inputs for each latch and 3-state
outputs for bus oriented applications. A latch enable (LE)
input and an output enable (OE) input are common to all
internal latches.
The 74ALVC373 consists of eight D-type transparent
latches with 3-state true outputs. When LE is HIGH, data
at the Dn inputs enters the latches. In this condition the
latches are transparent, i.e. a latch output will change state
each time its corresponding D-input changes.
When LE is LOW the latches store the information that
was present at the D-inputs a set-up time preceding the
HIGH-to-LOW transition of LE. When OE is LOW, the
contents of the 8 latches are available at the outputs.
When OE is HIGH, the outputs go to the high-impedance
OFF-state. Operation of the OE input does not affect the
state of the latches.
The ‘373’ is functionally identical to the ‘573’, but the ‘573’
have a different pin arrangement.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi +(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
2. The condition is VI = GND to VCC and the latch is in transparent mode.
SYMBOL
PARAMETER
CONDITIONS
TYP.
UNIT
tPHL/tPLH
propagation delay inputs Dn to output Qn
VCC = 1.8 V; CL = 30 pF; RL =1kΩ
3.0
ns
VCC = 2.5 V; CL = 30 pF; RL = 500 Ω
2.3
ns
VCC = 2.7 V; CL = 50 pF; RL = 500 Ω
2.4
ns
VCC = 3.3 V; CL = 50 pF; RL = 500 Ω
2.2
ns
CI
input capacitance
3.5
pF
CPD
power dissipation capacitance per buffer
VCC = 3.3 V; notes 1 and 2
outputs enable
35
pF
outputs disabled
14
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com