Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC373 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVC373
Description  Octal D-type transparent latch 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC373 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVC373 Datasheet HTML 1Page - NXP Semiconductors 74ALVC373 Datasheet HTML 2Page - NXP Semiconductors 74ALVC373 Datasheet HTML 3Page - NXP Semiconductors 74ALVC373 Datasheet HTML 4Page - NXP Semiconductors 74ALVC373 Datasheet HTML 5Page - NXP Semiconductors 74ALVC373 Datasheet HTML 6Page - NXP Semiconductors 74ALVC373 Datasheet HTML 7Page - NXP Semiconductors 74ALVC373 Datasheet HTML 8Page - NXP Semiconductors 74ALVC373 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2002 Feb 26
3
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74ALVC373
ORDERING INFORMATION
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
h = HIGH voltage level one set-up time prior to the HIGH-to-LOW LE transition;
L = LOW voltage level;
l = LOW voltage level one set-up time prior to the HIGH-to-LOW LE transition;
X = don’t care;
Z = high-impedance OFF-state.
PINNING
TYPE NUMBER
PACKAGES
PINS
PACKAGE
MATERIAL
CODE
74ALVC373D
20
SO
plastic
SOT163-1
74ALVC373PW
20
TSSOP
plastic
SOT360-1
OPERATING MODES
INPUT
INTERNAL
LATCHES
OUTPUTS
OE
LE
Dn
Q0 to Q7
Enable and read register
(transparent mode)
L
H
LLL
L
HHHH
Latch and read register
L
L
l
L
L
LLh
H
H
Latch register and disable
outputs
H
XXX
Z
HL
hH
Z
PIN
SYMBOL
DESCRIPTION
1
OE
output enable input (active LOW)
2, 5, 6, 9, 12, 15, 16, 19
Q0 to Q7
3-state latch output
3, 4, 7, 8, 13, 14, 17, 18
D0 to D7
data input
10
GND
ground (0 V)
11
LE
latch enable input (active HIGH)
20
VCC
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com