Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9053 Datasheet(PDF) 91 Page - Dialog Semiconductor

Part # DA9053
Description  Flexible High-Power System PMIC with Switching USB Power Manager
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9053 Datasheet(HTML) 91 Page - Dialog Semiconductor

Back Button DA9053 Datasheet HTML 87Page - Dialog Semiconductor DA9053 Datasheet HTML 88Page - Dialog Semiconductor DA9053 Datasheet HTML 89Page - Dialog Semiconductor DA9053 Datasheet HTML 90Page - Dialog Semiconductor DA9053 Datasheet HTML 91Page - Dialog Semiconductor DA9053 Datasheet HTML 92Page - Dialog Semiconductor DA9053 Datasheet HTML 93Page - Dialog Semiconductor DA9053 Datasheet HTML 94Page - Dialog Semiconductor DA9053 Datasheet HTML 95Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 183 page
background image
DA9053
Flexible High-Power System PMIC with 1.8 A
Switching USB Power Manager
Datasheet
Revision 2.1
31-Aug-2016
CFR0011-120-00
91 of 183
© 2016 Dialog Semiconductor
open-drain mode
1: GPI: active high
GPO: supplied from VDD_IO2/external pull-up in
open-drain mode
3
R/W
GPIO0_ MODE
0: GPI/ADCIN4: debouncing off
GPO: Sets output to low level
1: GPI/ADCIN4: debouncing on and generate wake-
up
GPO: Sets output to high level
5:4
R/W
GPIO1_PIN
PIN assigned to
00: ADCIN5/1.2 V comparator
01: GPI (LDO4 HW control)
10: GPO (Open drain)
11: GPO (Push-pull)
6
R/W
GPIO1_Type
0: GPI: active low
GPO: supplied from VDD_IO1/internal pull-up in
open-drain mode
1: GPI: active high
GPO: supplied from VDD_IO2/external pull-up in
open-drain mode
7
R/W
GPIO1_ MODE
0: GPI/ADCIN5:/ debouncing off, Set LDO4_EN
when GPI transfers to active state (reset when GPI
gets to passive state)
1.2 V comparator: (debouncing off), Set LDO4_EN
when GPI transfers to active state (reset when GPI
gets to passive state)
GPO: Sets output to low level
1: GPI: debouncing on, no LDO4_EN control
ADCIN5/1.2 V comparator: debouncing on and
generate wake up
GPO: Sets output to high level
If GPIO1 pin = 01 and GPIO1 mode = 00 then bit 1 of register R12 should also be set to avoid small
nIRQ pulse generation.
Register
Address
Bit
Type
Label
Description
R22
GPIO_2-3
1:0
R/W
GPIO2_PIN
PIN assigned to
00: ADCIN6
01: GPI (LDO5 HW control)
10: GPO (Open drain)
11: GPO (Push-pull)
2
R/W
GPIO2_Type
0: GPI: active low
GPO: supplied from VDD_IO1/internal pull-up in open-
drain mode
1: GPI: active high
GPO: supplied from VDD_IO2/external pull-up in
open-drain mode
3
R/W
GPIO2_MODE
0: GPI/ADCIN6: (debouncing off), Set LDO5_EN when
GPI transfers to active state (reset when GPI gets to
passive state)
GPO: Sets output to low level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com